Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28374SPZP Arkusz danych(PDF) 67 Page - Texas Instruments

Numer części TMS320F28374SPZP
Szczegółowy opis  TMS320F2837xS Microcontrollers
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28374SPZP Arkusz danych(HTML) 67 Page - Texas Instruments

Back Button TMS320F28374SPZP Datasheet HTML 63Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 64Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 65Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 66Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 67Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 68Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 69Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 70Page - Texas Instruments TMS320F28374SPZP Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 229 page
background image
67
TMS320F28379S, TMS320F28378S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881I – AUGUST 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28378S TMS320F28377S TMS320F28376S TMS320F28375S
TMS320F28374S
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
5.9.3.2.2 Internal Clock Frequencies
Table 5-12 provides the clock frequencies for the internal clocks.
(1)
Using an external clock source. If INTOSC1 or INTOSC2 is used as the clock source, then the maximum frequency is 194 MHz and the
minimum period is 5.15 ns.
(2)
For SYSCLK above 100 MHz, the EPWMCLK must be half of SYSCLK.
Table 5-12. Internal Clock Frequencies
MIN
NOM
MAX
UNIT
f(SYSCLK)
Frequency, device (system) clock
2
200(1)
MHz
tc(SYSCLK)
Period, device (system) clock
5(1)
500
ns
f(PLLRAWCLK)
Frequency, system PLL output (before SYSCLK
divider)
120
400
MHz
f(AUXPLLRAWCLK)
Frequency, auxiliary PLL output (before AUXCLK
divider)
120
400
MHz
f(AUXPLL)
Frequency, AUXPLLCLK
2
60
60
MHz
f(PLL)
Frequency, PLLSYSCLK
2
200(1)
MHz
f(LSP)
Frequency, LSPCLK
2
200(1)
MHz
tc(LSPCLK)
Period, LSPCLK
5(1)
500
ns
f(OSCCLK)
Frequency, OSCCLK (INTOSC1 or INTOSC2 or
XTAL or X1)
See respective clock
MHz
f(EPWM)
Frequency, EPWMCLK(2)
100
MHz
f(HRPWM)
Frequency, HRPWMCLK
60
100
MHz
5.9.3.2.3 Output Clock Frequency and Switching Characteristics
Table 5-13 provides the frequency of the output clock. Table 5-14 shows the switching characteristics of
the output clock, XCLKOUT.
Table 5-13. Output Clock Frequency
MIN
MAX
UNIT
f(XCO)
Frequency, XCLKOUT
50
MHz
(1)
A load of 40 pF is assumed for these parameters.
(2)
H = 0.5tc(XCO)
Table 5-14. XCLKOUT Switching Characteristics (PLL Bypassed or Enabled)(1)(2)
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tf(XCO)
Fall time, XCLKOUT
5
ns
tr(XCO)
Rise time, XCLKOUT
5
ns
tw(XCOL)
Pulse duration, XCLKOUT low
H – 2
H + 2
ns
tw(XCOH)
Pulse duration, XCLKOUT high
H – 2
H + 2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com