Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 43 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 43 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 39Page - Emerson Network Power PLR75C-201. Datasheet HTML 40Page - Emerson Network Power PLR75C-201. Datasheet HTML 41Page - Emerson Network Power PLR75C-201. Datasheet HTML 42Page - Emerson Network Power PLR75C-201. Datasheet HTML 43Page - Emerson Network Power PLR75C-201. Datasheet HTML 44Page - Emerson Network Power PLR75C-201. Datasheet HTML 45Page - Emerson Network Power PLR75C-201. Datasheet HTML 46Page - Emerson Network Power PLR75C-201. Datasheet HTML 47Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
41
Mounting Hole: CC1.312
Panels for J94
Trompeter’s 50Ω low VSWR (1.11:1) patching system has been
developed for use at frequencies up to 3 GHz and at power levels
up to 500 watts. J94 jack accepts a Type N male plug in back and
the PL93 or PL94 in the front of the panels shown, or a custom
panel of your own design. Patch plugs incorporate a push-fit
design that snap into position in the jack and are available with,
or without a bayonet locking feature. Normal jack spacing is 3"
center-to-center. For a minimum bend radius when patching
adjacent jacks, use Trompeter standard patch cords made with
RG8 cable with a minimum length of 14". Otherwise the minimum
length is 18". Panels loaded at no additional cost.
“L” replace with length in inches. “D” mounting holes, page 54. For standard panels see page 53.
B
A
.81
2.12
.130
.687 WRENCH FLAT
.625 WRENCH FLAT
.750 DIA
"L"
LENGTH
.535
.100
.92
1.82
.625-24UNEF-2A
3/4 HEX
1.000 DIA
.140/.036
DIA HOLE
.640/.630
.380/.370
4.402
3.000
4.000
3.250
2.000 HOLE
.852
.81
2.12
.687 WRENCH FLAT
.625 WRENCH FLAT
.130
.760
DIA
"L"
LENGTH
Type N Plug
Patch Jack
Patch Plug
Coax Connectors / Low VSWR Connectors
Patch Plug
50Ω, without Locking Sleeve
PL93-
Patch Plug
50Ω, with Locking Sleeve
PL94-
Patch Cords
50Ω, Patch Plug without Locking Sleeve
PCH-L-50
Patch Cords
50Ω, Patch Plug with Locking Sleeve
PCHY-L-50
Patch Jack to Type N Jack
50Ω Threaded .62524UNEF-2A
J94
Looping Plug
50Ω - Green Handle
LPH-50
# of Holes
Notching
Panel Type
Height
Part#
12
Open
Common
Ground
A =
1.75"
JSH-12
12
Closed
Insulated
A =
1.75"
JSHI-12
24
Open
Common
Ground
B =
5.25"
JSH-24
24
Closed
Insulated
B =
5.25"
JSHI-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com