Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 33 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 33 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 29Page - Emerson Network Power PLR75C-201. Datasheet HTML 30Page - Emerson Network Power PLR75C-201. Datasheet HTML 31Page - Emerson Network Power PLR75C-201. Datasheet HTML 32Page - Emerson Network Power PLR75C-201. Datasheet HTML 33Page - Emerson Network Power PLR75C-201. Datasheet HTML 34Page - Emerson Network Power PLR75C-201. Datasheet HTML 35Page - Emerson Network Power PLR75C-201. Datasheet HTML 36Page - Emerson Network Power PLR75C-201. Datasheet HTML 37Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
31
Coax Connectors / Coax 20/220 Series
Circuit Board Jacks
.047
.0935 DIA
4 PLACES
.354
TYP
.177
.177
.414
MIN
1.332
.557
.013
TYP
.500-28UNEF-2A
.564 HEX NUT
.630 DIA MAX
WASHER
.562 HEX
.562 DIA
.158 TYP
.687 DIA
.562 HEX NUT
.380 DIA
.425
1.388
.557
.128
.013
.156
TYP
.200
.0390 DIA
.200
.400
TYP
.0935 DIA
4 PLACES
Coax Connectors / Coax 20/220 Series
Circuit Board Jacks
Non-insulated Circuit Board Bulkhead Jack
Straight, 4-leg
75Ω............................................... UCBBJ29
Mounting Hole: D3.109
Insulated Circuit Board Bulkhead Jack
Straight
50Ω................................................. CBBJ26
Mounting Hole: D3.156
Mounting Holes: D3.156 (Insulated)
Maximum Panel Thickness: .179
D-Hole: D3
MODEL #
LTR CODE
IMPD Ω
A DIA
B DIM
C DIM
D DIM
E DIA
CBBJR29
-----
50
.046
.24
.090
.050
.0625
UCBBJR29
75
.029
CBBJR29A
A
50
.046
.24
.090
.058
.070
UCBBJR29A
75
.029
MODEL #
LTR CODE
IMPD Ω
A DIA
B DIM
C DIM
D DIM
E DIA
6-0001-1
-----
50
.046
.24
.090
.050
.0625
6-0001-2
75
.029
6-0001-3
A
50
.046
.24
.090
.058
.070
6-0001-4
75
.029
Right Angle Circuit Board Bulkhead Jack
Non-insulated
50Ω.............................................. CBBJR29
75Ω............................................ UCBBJR29
RoHS Compliant
Non-insulated
50Ω............................................. 6-0001-1
75Ω............................................. 6-0001-4
Mounting Holes: D3.156 (Insulated)
1.237
1.074
.773
.046
.380
DIA
.030
TYP
B TYP
.500-28UNEF-2A
.562 HEX NUT
.13 TYP
.124
D TYP
C TYP
.258
TYP
.593 DIA
.040
TYP
.258
TYP
.649
ACROSS
POINTS
.258
E DIA TYP
.258
A DIA
MODEL #
LTR CODE
IMPD Ω
A DIA
B DIM
C DIM
D DIM
E DIA
CBBJR26- RC
-----
50
.046
.24
.090
.050
.0625
UCBBJR26- RC
75
.029
CBBJR26A-RC
A
50
.046
.34
.090
.058
.070
UCBBJR26A-RC
75
.029
MODEL #
LTR CODE
IMPD Ω
A DIA
B DIM
C DIM
D DIM
E DIA
CBBJR26
-----
50
.046
.24
.090
.050
.0625
UCBBJR26
75
.029
CBBJR26A
A
50
.046
.34
.090
.058
.070
UCBBJR26A
75
.029
Right Angle Circuit Board Bulkhead Jack
Insulated
50Ω.............................................. CBBJR26
75Ω............................................ UCBBJR26
RoHS Compliant
Insulated
50Ω......................................... CBBJR26-RC
75Ω....................................... UCBBJR26-RC
1.76
1.46
B
.600
TYP
.058
TYP
.050
DIA
.120 TYP
.156
TYP
.030
TYP
.397
TYP
.200
.400
.0625 DIA
.070 DIA TYP
.1985
.397
TYP
.040 TYP
.44 DIA
MODEL
LTR
B
NO.
CODE DIM
CBJR12
-
.24
CBJR12A
A
.34
Coax Connectors / Mini-WECo Coax
Circuit Board Jacks
Circuit Board Mounting
Mini-WECo Patch Jack
75Ω Right Angle......... CBJR12
B=.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com