Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 30 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 30 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 26Page - Emerson Network Power PLR75C-201. Datasheet HTML 27Page - Emerson Network Power PLR75C-201. Datasheet HTML 28Page - Emerson Network Power PLR75C-201. Datasheet HTML 29Page - Emerson Network Power PLR75C-201. Datasheet HTML 30Page - Emerson Network Power PLR75C-201. Datasheet HTML 31Page - Emerson Network Power PLR75C-201. Datasheet HTML 32Page - Emerson Network Power PLR75C-201. Datasheet HTML 33Page - Emerson Network Power PLR75C-201. Datasheet HTML 34Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
28
.625-24UNEF-2A
.750 HEX NUT
.830 DIA MAX
.437 HEX
1.000
.790
.096
.500-28UNEF-2A
.562 HEX NUT
.562 HEX NUT
ACCEPTS
.060 DIA
CONDUCTOR
1.060
.471
.437HEX
.500-28UNEF-2A
1.000
.806
.096
.625 HEX
.687 HEX
.562 HEX
.562 HEX NUT
.500-28UNEF-2A
.380
DIA
.757
1.060
SOLDER POT ACCEPTS
.060 DIA CONDUCTOR
.380 DIA
TYP
.700
1.284
.562 HEX
.500-28UNEF-2A
.584
.375-32UNEF-2A
.468 HEX
.425
.046
1.058
.500 HEX
ACCEPTS
.060 DIA
CONDUCTOR
.380 DIA
TYP
.562 HEX
.562 HEX NUT
.500-28UNEF-2A
1.280
.046
.505
.060
.584
1.284
±.015
.500-28UNEF-2A
Ø.380
TYP
.562 HEX NUT
.510
.505
.448
.443
RECOMMENDED
PANEL
CUTOUT
.562 HEX NUT
2X Ø.380
1.304
.096
.750
2X
Ø.180 .050
2X Ø.108
THRU
.884
1.19
.710 .99
Ø.562
.562 HEX
.500-28UNEF-2A
.060
1.284
.42
2X Ø.380
Coax Connectors / Miniature Coax 20/220 Series
BNC Bulkhead Jacks
Insulated Bulkhead Cable Jack
Wrench Crimp, Rear Mount
50Ω............................................... BJ26-
75Ω............................................. UBJ26-
Mounting Hole: D2.187
GF-Ground filter version page
35
Non-insulated Bulkhead Jack
Feed-through
50Ω................................................... BJ224
75Ω................................................. UBJ224
Mounting Hole: DD3.156
Insulated Bulkhead Jack
Front Mount, Solder Pot
50Ω................................................... BJ227
75Ω................................................. UBJ227
Mounting Hole: D3.147
Insulated Bulkhead Jack
Recessed Insulated Adapter (RIA) Feed-through
75Ω.......................................... UBJ224-RIA
Bulkhead Cable Jack
Rear Mount, Wrench Crimp
50Ω.......................... BJ29-
75Ω........................ UBJ29-
Mounting Holes: D3.218 (D2.218-Cable Groups 6, 6E,51,52)
Bulkhead Jack
Non-insulated
50Ω.......................... BJ23
75Ω........................ UBJ23
Mounting Hole: D3.147
Insulated Bulkhead Cable Jack
Rear Mount, Solder Pot
50Ω.......................... BJ21
75Ω........................ UBJ21
Mounting Hole: D3.147
Bulkhead Jack
Feed-through Non-insulated
50Ω.......................... BJ24
75Ω........................ UBJ24
Mounting Hole: DD3.100, (Hermetically sealed
version available, call customer service).
Bulkhead Jack
Front Mount, Solder Pot
50Ω.......................... BJ20
75Ω........................ UBJ20
w/Solder Lug
50Ω....................... BJ20SL
75Ω..................... UBJ20SL
Mounting Hole: D5.125
Insulated Bulkhead Jack
Feed-through
50Ω.......................... BJ228
75Ω........................ UBJ228
Mounting Hole: DD3.156
Insulated Bulkhead Jack
Feed-through
50Ω.......................... BJ28
75Ω........................ UBJ28
Mounting Hole: D3.156 (Hermetically sealed version
available, call customer service).
GF-Ground Filter version available page 370c .
“D” mounting holes are on page 54.
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com