Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 39 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 39 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 35Page - Emerson Network Power PLR75C-201. Datasheet HTML 36Page - Emerson Network Power PLR75C-201. Datasheet HTML 37Page - Emerson Network Power PLR75C-201. Datasheet HTML 38Page - Emerson Network Power PLR75C-201. Datasheet HTML 39Page - Emerson Network Power PLR75C-201. Datasheet HTML 40Page - Emerson Network Power PLR75C-201. Datasheet HTML 41Page - Emerson Network Power PLR75C-201. Datasheet HTML 42Page - Emerson Network Power PLR75C-201. Datasheet HTML 43Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
37
Coax Connectors / 110 Series
1.6/5.6 DIN Connectors
RF Coaxial 75 Ohm DIN
Threaded Full Crimp Cable Plug
UPL110-
RF Coaxial 75 ohm DIN
Jack Threaded Connector
MEETS REQ OF IEC 169-13
UBJ110-
Adapter 75 ohm BNC Jack to 75 ohm DIN Plug
UADF20M110
Adapter 75 ohm BNC Plug to 75 ohm DIN Jack
UADM20F110
Dual Coaxial DIN Connector “U-Link” 75 Ohm
With Two Plugs
Based on 169-13 Specification
105-1496
Trompeter’s 110 series connectors are 30% smaller than the
standard BNC currently used for the Coax Central Office
termination. With this space savings, 72 interconnects can be
placed in the same 1 rack unit panels as 52 BNCs. The 110 series
of connectors is available in the following: cable plug, cable jack,
a U-Link for connecting two jacks, a right angle circuit board jack,
and BNC to DIN adapters.
Trompeter’s 110 series works with all the cables currently in use in
the central office environment and like all Trompeter connectors,
can be made to accommodate any coax cable changes.
C R IMP
S LEEVE
.500
.488
P IN
CONTACT
.939
±.015
.300
.380
Ø.410
.580
.375
.590
±.010
.450
.990
.634
1.084
INS ULATOR
WAS HE R S
LOC K NUT
S UPPOR T
R ING
.573
1.003
±.010
B ODY
ASSY
M9 X 0.50
S OC K E T
CONTACT
.579
.500
C R IMP
S LEEVE
Ø.410
Ø.380
B NC J AC K
DIN P LUG
(1.530)
.580
Ø.593 MAX
B NC P LUG
DIN J AC K
Ø.322
1.263
.471
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com