Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 93 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 93 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 89Page - Emerson Network Power PLR75C-201. Datasheet HTML 90Page - Emerson Network Power PLR75C-201. Datasheet HTML 91Page - Emerson Network Power PLR75C-201. Datasheet HTML 92Page - Emerson Network Power PLR75C-201. Datasheet HTML 93Page - Emerson Network Power PLR75C-201. Datasheet HTML 94Page - Emerson Network Power PLR75C-201. Datasheet HTML 95Page - Emerson Network Power PLR75C-201. Datasheet HTML 96Page - Emerson Network Power PLR75C-201. Datasheet HTML 97Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
91
Cable Group Table
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
TENSOLITE
30895/25L-1
TRIAX
60
_
_
_
_
TENSOLITE
5M2397-002
TRIAX
-23
-303
0.136
0.014
_
TENSOLITE
S280W502
TWINAX
-24
-218
0.154
0.023
_
TENSOLITE
ST5M1284-001
TWINAX
*
-212
0.180
0.024
96
TENSOLITE
STME637-2
TWINAX
_
-206
_
_
_
TEXAS INSTRUMENTS
417889-2
TRIAX
*
-307
0.185
0.012
93
TEXAS INSTRUMENTS
802857-1
TWINAX
-24
*
0.162
0.031
70
THERMATICS
11079
TWINAX
-29
-204
0.130
0.025
_
THERMATICS
11421
TWINAX
_
-223
0.104
0.019
_
THERMATICS
11421
TWINAX
_
-223
_
_
_
THERMATICS
425-1680-030VW-1
COAX
_
-013
_
_
_
THERMATICS
5M2022-003
TWINAX
*
-204
0.130
0.024
_
THERMATICS
8712812 (A/F DWG)
TWINAX
-47
-201
0.125
0.023
_
THERMATICS
NEC725-2(G)
COAX
53
_
_
_
_
THERMAX
68-1938TF(2)SXE
TWINAX
_
-223
0.104
0.019
_
THERMAX
77-1936TF(2)TFPA
TWINAX
-47
-201
0.125
0.024
77
THERMAX
983-495
COAX
-4
*
0.144
0.024
75
THERMAX
985-495
COAX
-4
*
0.144
0.024
75
THERMAX
M27500-22TG2T14
TWINAX
-29
_
0.132
0.031
_
THERMAX
RG58/BLACK
COAX
-1
-011
_
_
50
THERMAX
RGS-316
COAX
-5
-003
0.102
0.020
50
THERMAX
RGS-316
COAX
-5
-003
0.102
0.020
50
TIMES
2382
COAX
-6A
_
0.400
0.064
75
TIMES
2391
COAX
-41
-020
0.273
0.041
75
TIMES
2560
COAX
-41
_
0.271
0.040
_
TIMES
8712812
TWINAX
-47
-201
_
_
_
TIMES
100A
COAX
-5
-003
0.105
0.018
50
TIMES
2260V
COAX
-6
*
0.296
0.040
75
TIMES
2360V
COAX
-41
-020
0.273
0.040
75
TIMES
25B3M
COAX
-2
-014
0.242
0.031
_
TIMES
65555-RD316
COAX
-5
-003
0.113
0.021
_
TIMES
AA-2317
TRIAX
-24A
*
0.169
0.025
50
TIMES
AA-2325
TRIAX
*
-308
0.215
0.020
95
TIMES
AA-2511
COAX
-2A
_
0.220
0.020
_
TROMPETER
TWCH-78-1
TWINAX
-29
-202
0.155
0.022
78
TROMPETER
TWCH-78-2
TWINAX
-9
-213
0.247
0.037
78
TROMPETER
TWCN-124-1A
TWINAX
-29
-203
_
_
_
TROMPETER
TWCP-124-2
TWINAX
-9
-214
0.250
0.024
124
TROMPETER
TWCP-124-3
TWINAX
-55
-224
0.215
0.024
124
TROMPETER
TWCP-124-5
TWINAX
*
-226 (70MC)
0.335
0.048
124
TROMPETER
TWCP-78-1
TWINAX
-47
_
0.155
0.019
78
TROMPETER
TWCP-78-2
TWINAX
-9
-213
0.247
0.037
78
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com