Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 91 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 91 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 87Page - Emerson Network Power PLR75C-201. Datasheet HTML 88Page - Emerson Network Power PLR75C-201. Datasheet HTML 89Page - Emerson Network Power PLR75C-201. Datasheet HTML 90Page - Emerson Network Power PLR75C-201. Datasheet HTML 91Page - Emerson Network Power PLR75C-201. Datasheet HTML 92Page - Emerson Network Power PLR75C-201. Datasheet HTML 93Page - Emerson Network Power PLR75C-201. Datasheet HTML 94Page - Emerson Network Power PLR75C-201. Datasheet HTML 95Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
89
Cable Group Table
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
RAYCHEM
5026A1664
TWINAX
-49
*
0.085
0.019
50
RAYCHEM
5026D5314
TRIAX
-23
_
0.132
0.019
50
RAYCHEM
5028A2211-9
COAX
-44
_
_
0.013
50
RAYCHEM
5028A3318
COAX
-5B
-004
0.090
0.014
50
RAYCHEM
5030A1114
COAX
-5A
-001
0.061
0.012
50
RAYCHEM
5030A1214
COAX
-5A
_
0.061
0.012
50
RAYCHEM
5030A1314
COAX
-5A
_
0.063
0.012
50
RAYCHEM
5030A1318
COAX
-5A
_
0.063
0.012
_
RAYCHEM
5030A1411
COAX
-5A
_
0.066
0.012
50
RAYCHEM
5030A1511
COAX
-5A
_
0.066
0.012
50
RAYCHEM
55A1121-24
TWINAX
-27
-223
0.107
0.025
_
RAYCHEM
55A1122-26
TWINAX
*
-223
0.102
0.021
_
RAYCHEM
7028A5518
TRIAX
-26
_
0.143
0.015
70
RAYCHEM
7520A1311
COAX
-52
-024
0.241
0.040
75
RAYCHEM
7522A1311
COAX
_
-023
_
_
75
RAYCHEM
7522D5311
TRIAX
-25A
_
0.269
0.031
75
RAYCHEM
7523D1331
COAX
-2
-013
0.246
0.023
75
RAYCHEM
7524A1311
COAX
-21
_
0.160
0.025
75
RAYCHEM
7524A1312
COAX
-22
_
0.152
0.025
75
RAYCHEM
7524A1811
COAX
-37
_
0.152
0.025
75
RAYCHEM
7524D5811
TRIAX
_
-306
0.243
0.025
_
RAYCHEM
7526A5311
TRIAX
-60
_
0.215
0.019
75
RAYCHEM
7526D5318
TWINAX
-59
_
0.167
0.020
75
RAYCHEM
7526J1660
TWINAX
-47
_
0.115
0.019
75
RAYCHEM
7528A1114
COAX
-36
-004
0.100
0.015
75
RAYCHEM
7528A1317
COAX
-5
-004
0.102
0.015
75
RAYCHEM
7528A5314
TRIAX
-64
-303
0.148
0.015
75
RAYCHEM
7528F5614
TRIAX
*
-303
0.141
0.015
75
RAYCHEM
7528G1312-7
COAX
-36
*
0.110
0.015
_
RAYCHEM
7720C8662
TWINAX
-213
_
0.020
77
RAYCHEM
7722C2664
TWINAX
-24
-210
0.143
0.032
77
RAYCHEM
7722C3661
TWINAX
-24
*
0.178
0.032
77
RAYCHEM
7722C3861
TWINAX
*
-215
0.232
0.031
77
RAYCHEM
7724C1664-9
TWINAX
*
-204
0.127
0.023
77
RAYCHEM
7724C3864
TWINAX
*
-212
0.200
0.024
77
RAYCHEM
7724C8664
TWINAX
*
-221
0.155
0.025
_
RAYCHEM
7724G3664
TWINAX
-45
-222
0.154
0.025
77
RAYCHEM
7724N0664
TWINAX
-45
-204
0.144
0.025
78
RAYCHEM
7726D066A
TWINAX
-27
-223
0.112
0.020
77
RAYCHEM
7824E0422
TWINAX
-29
-204
0.135
0.025
78
RAYCHEM
7826D0130
TWINAX
-29
-206
0.120
0.025
78
RAYCHEM
9324D0130
TWINAX
*
212
0.167
0.025
93
RAYCHEM
9528A1317
COAX
*
-026
0.137
0.015
95
RAYCHEM
9528A1417
COAX
*
-026
0.137
0.015
95
RAYCHEM
9528A1517
COAX
*
-026
0.137
0.015
95
RAYCHEM
9528D5114
TRIAX
-60
-305
0.177
0.015
95
RAYCHEM
9530A5117
TRIAX
-24A
_
0.149
0.012
_
RAYCHEM
9530D5117
TRIAX
-56
-301
0.164
0.013
95
RAYCHEM
9530D5317
TRIAX
-59
_
0.170
0.012
95
RAYCHEM
9530H1118
COAX
-36
_
0.108
0.013
95
RAYCHEM
9532A5114
TRIAX
-23
_
0.140
0.008
95
RAYCHEM
9532A5314
TRIAX
-23
_
0.130
0.008
95
RAYCHEM
EPC29116C
TRIAX
-32
-309
0.152
0.017
_
RAYCHEM
EPD 60441
TRIAX
-25A
TOO LARGE
0.256
0.035
50
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com