Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 84 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 84 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 80Page - Emerson Network Power PLR75C-201. Datasheet HTML 81Page - Emerson Network Power PLR75C-201. Datasheet HTML 82Page - Emerson Network Power PLR75C-201. Datasheet HTML 83Page - Emerson Network Power PLR75C-201. Datasheet HTML 84Page - Emerson Network Power PLR75C-201. Datasheet HTML 85Page - Emerson Network Power PLR75C-201. Datasheet HTML 86Page - Emerson Network Power PLR75C-201. Datasheet HTML 87Page - Emerson Network Power PLR75C-201. Datasheet HTML 88Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
82
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
COMMSCOPE
7810
TRIAX
*
TOO LARGE
0.325
0.032
75
COMMSCOPE
9012
TWINAX
-9
_
0.241
0.037
78
COMMSCOPE
57603
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
57604
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
57605
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
72001
COAX
-22
-009
0.155
0.020
75
COMMSCOPE
72012
COAX
-22
-009
0.155
0.020
75
COMMSCOPE
72312
COAX
*
-026
0.127
0.016
75
COMMSCOPE
73501
COAX
*
-026
0.130
0.016
75
COMMSCOPE
73502
COAX
*
-026
0.130
0.016
75
COMMSCOPE
73503
COAX
*
-026
0.130
0.016
75
COMMSCOPE
73506
COAX
*
-026
0.127
0.016
75
COMMSCOPE
73508
COAX
*
-026
0.127
0.016
75
COMMSCOPE
73509
COAX
*
-026
0.127
0.016
75
COMMSCOPE
73512
COAX
*
-026
0.126
0.015
75
COMMSCOPE
75603
COAX
_
-009
0.150
0.022
75
COMMSCOPE
75604
COAX
_
-009
0.150
0.022
75
COMMSCOPE
556510
COAX
-2
-014
0.242
0.032
75
COMMSCOPE
576503
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
576504
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
576505
COAX
-41
-020
0.272
0.040
75
COMMSCOPE
753603
COAX
-4
-009
0.150
0.022
75
COMMSCOPE
753604
COAX
-4
-009
0.150
0.022
75
COMMSCOPE
753605
COAX
-4
-009
0.150
0.022
75
COMMSCOPE
0132K
COAX
*
-024
0.242
0.040
75
COMMSCOPE
0132V
COAX
*
-024
0.242
0.040
75
COMMSCOPE
0219K
COAX
-1
-012
0.200
0.036
50
COMMSCOPE
0247K
COAX
-41
-020
0.268
0.040
75
COMMSCOPE
0247V
COAX
-41
-020
0.268
0.040
75
COMMSCOPE
0359K
COAX
*
-024
0.241
0.041
75
COMMSCOPE
0359K
COAX
*
-024
0.241
0.041
75
COMMSCOPE
2022K
COAX
-2
-023
0.239
0.032
75
COMMSCOPE
2022V
COAX
-2
-23
0.239
0.032
75
COMMSCOPE
2068K
COAX
-63
-025
0.219
0.032
_
COMMSCOPE
2100K
COAX
-21
*
0.169
0.032
50
COMMSCOPE
2100V
COAX
-21
*
0.169
0.032
53
COMMSCOPE
2125K
COAX
-1
-012
0.200
0.036
50
COMMSCOPE
2227K
COAX
-41
-020
0.264
0.040
75
COMMSCOPE
2227V
COAX
-41
*
0.264
0.040
75
COMMSCOPE
2229V
COAX
-41
-020
0.268
0.040
75
COMMSCOPE
2274V
COAX
*
-024
0.241
0.040
75
COMMSCOPE
2275K
COAX
*
-024
0.241
0.040
75
COMMSCOPE
2275V
COAX
*
-024
0.241
0.040
75
COMMSCOPE
2276V
COAX
*
-024
0.241
0.040
75
COMMSCOPE
2278K
COAX
*
-024
0.242
0.040
75
COMMSCOPE
2291K
TWINAX
-25
_
0.260
0.039
100
COMMSCOPE
2525K
COAX
*
-016
0.290
0.031
75
COMMSCOPE
2527K
COAX
-41
*
0.279
0.032
75
COMMSCOPE
425-0256
COAX
_
-025
0.240
0.033
75
COMMSCOPE
5060F
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5060R
COAX
-6
*
0.308
0.040
75
COMMSCOPE
5550M
COAX
-2
-013A
0.242
0.030
75
COMMSCOPE
5568M
COAX
*
-025
0.240
0.033
_
COMMSCOPE
5726R
COAX
-41
-020
0.276
0.041
75
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com