Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 77 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 77 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 73Page - Emerson Network Power PLR75C-201. Datasheet HTML 74Page - Emerson Network Power PLR75C-201. Datasheet HTML 75Page - Emerson Network Power PLR75C-201. Datasheet HTML 76Page - Emerson Network Power PLR75C-201. Datasheet HTML 77Page - Emerson Network Power PLR75C-201. Datasheet HTML 78Page - Emerson Network Power PLR75C-201. Datasheet HTML 79Page - Emerson Network Power PLR75C-201. Datasheet HTML 80Page - Emerson Network Power PLR75C-201. Datasheet HTML 81Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
75
Cable Group Table
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
BELDEN
8218
COAX
-22
-009
0.150
0.017
75
BELDEN
8219
COAX
-1
-011
0.195
0.037
52
BELDEN
8221
COAX
-2
-013
0.242
0.025
80
BELDEN
8227
TWINAX
-8
_
0.330
0.039
_
BELDEN
8232
TRIAX
-13A
TOO LARGE
0.312
0.032
75
BELDEN
8233
TRIAX
-14
_
0.475
0.064
75
BELDEN
8237
COAX
-6A
_
0.405
0.085
50
BELDEN
8238
COAX
-6A
_
0.405
0.048
75
BELDEN
8240
COAX
-1
-021
0.195
0.032
51.5
BELDEN
8241
COAX
-2
-013
0.242
0.025
75
BELDEN
8259
COAX
-1
-011
0.195
0.040
50
BELDEN
8261
COAX
-6A
_
0.405
0.049
75
BELDEN
8262
COAX
-1
-011
0.192
0.038
50
BELDEN
8263
COAX
-2
-013
0.242
0.023
75
BELDEN
8267
COAX
-6A
_
0.405
0.086
50
BELDEN
8268
COAX
-6B
TOO LARGE
0.425
0.089
50
BELDEN
8279
COAX
-2A
-022
0.220
0.025
75
BELDEN
8281
COAX
-6
-016
0.307
0.030
75
BELDEN
8422
TWINAX
-9
_
0.231
0.025
1000V
BELDEN
8441
TWP
30
_
0.210
0.025
300V
BELDEN
8450
TWINAX
-27
_
0.121
0.025
200V
BELDEN
8451
TWINAX
-23
-210
0.140
0.031
300V
BELDEN
9011
COAX
-6A
-053
0.405
0.064
75
BELDEN
9054
COAX
-2
-014
0.242
0.032
75
BELDEN
9060
COAX
-41
*
0.284
0.040
75
BELDEN
9064
COAX
-6A
_
0.400
0.064
75
BELDEN
9066
COAX
-41
-020
0.275
0.041
75
BELDEN
9068
COAX
-22
-009
0.146
0.016
75
BELDEN
9100
COAX
-2
-014
0.237
0.032
75
BELDEN
9104
COAX
-2A
*
0.243
0.032
75
BELDEN
9108
COAX
*
-014
0.237
0.032
75
BELDEN
9110
COAX
-2
-014
0.242
0.032
75
BELDEN
9112
COAX
-2
0.242
0.032
_
BELDEN
9114
COAX
-41
-020
0.270
0.040
75
BELDEN
9116
COAX
-41
-020
0.278
0.038
75
BELDEN
9141
COAX
-6
-016
0.304
0.033
75
BELDEN
9146
COAX
4
_
_
_
_
BELDEN
9165
COAX
-2
-013A
0.242
0.030
75
BELDEN
9167
COAX
-2
-014
0.243
0.032
75
BELDEN
9168
COAX
-41
-020
0.275
0.040
75
BELDEN
9169
COAX
-2B
-015
0.249
0.025
93
BELDEN
9170
COAX
-4
*
0.140
0.022
75
BELDEN
9171
COAX
-2
-013A
0.242
0.030
75
BELDEN
9201
COAX
-1
-021
0.193
0.033
52
BELDEN
9203
COAX
-1
-021
0.195
0.035
50
BELDEN
9204
COAX
_
-013
0.241
0.025
75
BELDEN
9207
TWINAX
-8
_
0.330
0.039
100
BELDEN
9209
COAX
-63
-019
0.226
0.022
75
BELDEN
9212
COAX
-6A
_
0.405
0.048
75
BELDEN
9221
COAX
-5
-004
0.102
0.012
75
BELDEN
9222
TRIAX
-7
-306
0.239
0.040
50
BELDEN
9223
COAX
-1
*
0.195
0.030
50
BELDEN
9228
COAX
-2
-013
0.242
0.025
93
BELDEN
9231
COAX
-6
-016
0.304
0.032
75
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com