Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 66 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 66 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 62Page - Emerson Network Power PLR75C-201. Datasheet HTML 63Page - Emerson Network Power PLR75C-201. Datasheet HTML 64Page - Emerson Network Power PLR75C-201. Datasheet HTML 65Page - Emerson Network Power PLR75C-201. Datasheet HTML 66Page - Emerson Network Power PLR75C-201. Datasheet HTML 67Page - Emerson Network Power PLR75C-201. Datasheet HTML 68Page - Emerson Network Power PLR75C-201. Datasheet HTML 69Page - Emerson Network Power PLR75C-201. Datasheet HTML 70Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
64
Twinax/Triax Cable Assembly Tester
The Twinax/Triax Cable Assembly Tester is designed to test for
opens, shorts, and cross wired connectors. The tester comes
complete with terminators and testing instructions. This tool is
designed to provide quick verification of TRB cable assemblies in
the palm of your hands. The compact hand held unit measures
2 3/4" x 4 1/2" and provides versatility for testing connectors in
the field. The unit comes in a soft zipper case which includes a
9v battery and terminators for standard TRB plugs. It can also be
used for other connector families with an adapter, or short jumper
cable when used with the proper termination.
• 3 Conductors which test for opens, shorts, and cross connects
• Concentric TRB Interface, which tests both Twinax and Triax
• Pass/Open/Short LED indicators
• Easy to follow testing instructions
• Complete with terminators, carrying case, and a 9V battery
Designed to test for the proper assembly of BNC plugs with coax
cables. Tests for center contact pin height and continuity (short
or open). The new BNC tester is the same size as the twinax/triax
tester but exclusively tests only BNC plugs. Mini-WECo continuity
test adapter now available (sold separately).
• Compact design
• Pass/Open/Short LED indicators
• One test required for testing remote cable runs
• Easy to follow instructions
• Complete with terminators, case, and 9V battery
• On/Off switch
Cable Assembly Testers
Tools & Accessories
BNC Coax Tester
Twinax/Triax Cable Assembly Connector Test Set
010-0123-1
Coax Cable Assembly Connector Test Set
75Ω BNC Plug................................................................. 010-0133
75Ω MBNC Plug.............................................................. 010-0208
Mini-WECo Adapter (Continuity Only)
Sold Separately
105-1885



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com