Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 68 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 68 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 64Page - Emerson Network Power PLR75C-201. Datasheet HTML 65Page - Emerson Network Power PLR75C-201. Datasheet HTML 66Page - Emerson Network Power PLR75C-201. Datasheet HTML 67Page - Emerson Network Power PLR75C-201. Datasheet HTML 68Page - Emerson Network Power PLR75C-201. Datasheet HTML 69Page - Emerson Network Power PLR75C-201. Datasheet HTML 70Page - Emerson Network Power PLR75C-201. Datasheet HTML 71Page - Emerson Network Power PLR75C-201. Datasheet HTML 72Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
66
TWCP = Twinax Plenum Cable
TWCH = Twinax Blue Flame Retardant Halogen Free Polyolefin
Cable
TRCH = Triax Yellow Flame Retardant Halogen Free Polyolefin
Cable
Trompeter cables are manufactured to the listed specifications
and offer optimum flexibility, shielding, and performance. Cables
with stranded center conductors have greater flexibility and are
recommended for short runs at low frequency where constant
cable movement might fatigue a single copper-weld center
conductor. Trompeter’s M17/176-00002 and TWAC-78-1F2 are
200°C, Hi-Temp Cables for MIL-STD-1553B data bus applications.
Dielectric and fillers made of PTFE (Teflon™) and outer jackets
are PFA (Perfluoroalkoxy). All dimensions are in inches. All
values without tolerances are nominal unless otherwise stated.
TWCH-78-2 has jacket constructed of
flame retardant halogen free
polyolefin with temperature range of -30°C to +80°C.
For high temperature cables, see chart on the next page.
Coax Cable Specs
Exploded Detail of Coax, Twinax, & Triax
Cable
JACKET
CENTER
CONDUCTOR
DIELECTRIC
BRAID
CENTER
CONDUCTOR
DIELECTRIC
INNER BRAID
DIELECTRIC
OUTER BRAID
JACKET
INNER
CONDUCTORS
DIELECTRIC
OUTER SHIELD
FILLER
JACKET
Coax
Twinax
Triax
Trompeter Cable Specifications
Appendix
Cable Designation
TCC-50-2
TCC-75-2
RG62 A/U
Impedance (Ohms)
50±2
75±3
93±5
Nominal outer dia.
0.195
0.242
0.242
PVC outer
Green
Violet
Black
Braid outer dia.
0.150 Max
0.191 Max
0.191 Max
Braid AWG#/Mat'l
36/Tinned Cu
34/Bare Cu
34/Bare Cu
Dielectric outer dia.
0.116
0.146
0.146
Dielectric mat'l
Solid PE
Foamed PE
PE
Conductor outer dia.
0.0355
0.031
0.0253
Conductor strands/Mat'l
19/.0071 Tinned
Cu
7/.010 Tinned
Cu
Solid/CCS
Operating temperature
range
-40°C to 90°C
-40°C to 85°C
-40°C to 80°C
Minimum bend radius
1.00
1.00
Max. Opr. VAC (RMS)
1.4 KV
800 V
750 V
Capacitance pf/ft (Max)
30.8
17.3
14.5
Cond. Loop Res.
(Ohms/M ft.)
17.6
Atten. dB/100 ft:
1 MHz
0.380
0.335
0.250
10 MHz
1.400
1.070
0.900
50 MHz
3.40
2.40
1.90
100 MHz
4.90
3.40
2.80
200 MHz
7.30
4.85
3.70
400 MHz
9.00
5.20
1 GHz
28.80
12.00
8.50
3 GHz
30.00
Shielded Coverage
93%
93%
94.3% Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com