Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 35 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 35 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 31Page - Emerson Network Power PLR75C-201. Datasheet HTML 32Page - Emerson Network Power PLR75C-201. Datasheet HTML 33Page - Emerson Network Power PLR75C-201. Datasheet HTML 34Page - Emerson Network Power PLR75C-201. Datasheet HTML 35Page - Emerson Network Power PLR75C-201. Datasheet HTML 36Page - Emerson Network Power PLR75C-201. Datasheet HTML 37Page - Emerson Network Power PLR75C-201. Datasheet HTML 38Page - Emerson Network Power PLR75C-201. Datasheet HTML 39Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
33
.096
.437 OR .500
WRENCH FLATS
AND NUT
.960/1.001
.650 DIA MAX
.640
1.140
.562 HEX
.562 HEX NUT
.500-28UNEF-2A
1.282
.046
.505
.997
.4375-28UNEF-2A
.096
.437 HEX
.645 DIA MAX
.593
DIA
MAX
.4375-28UNEF-2A
.708
1.208
CRIMP SLEEVE
CJ240-001 SHOWN
1.280
.381
.4375.28UNEF-2A TYP
Coax Connectors / Miniature Coax Threaded 40/240 Series
TNC
Cable Plug
Wrench Crimp
50Ω.............................................. PL40-
75Ω........................................... UPL40-
Cable Jack
Wrench Crimp
50Ω.............................................. CJ40-
75Ω........................................... UCJ40-
Cable Plug
Tool Crimp
50Ω........................................... PL240-
75Ω......................................... UPL240-
Cable Jack
Tool Crimp
50Ω............................................ CJ240-
75Ω.......................................... UCJ240-
Insulated Bulkhead Jack
Feed-Through
50Ω.................................................... BJ48
75Ω.................................................. UBJ48
Mounting Hole: D3.156
GF-Ground filter version page 41
TNC Coupling Adapter
Barrel Connector
50Ω................................................... AD48
75Ω................................................. UAD48
“D” mounting holes are on page 54.
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com