Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 14 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 14 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 10Page - Emerson Network Power PLR75C-201. Datasheet HTML 11Page - Emerson Network Power PLR75C-201. Datasheet HTML 12Page - Emerson Network Power PLR75C-201. Datasheet HTML 13Page - Emerson Network Power PLR75C-201. Datasheet HTML 14Page - Emerson Network Power PLR75C-201. Datasheet HTML 15Page - Emerson Network Power PLR75C-201. Datasheet HTML 16Page - Emerson Network Power PLR75C-201. Datasheet HTML 17Page - Emerson Network Power PLR75C-201. Datasheet HTML 18Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
12
Front-loading Modular Panels
For use with J74MST-R Patch Jacks (pg. 13)
R-Resistance (½W, 1%), Z-Denotes Cable Impedance.
Standard and Sub-miniature Panels, see pages 53-54.
LPTWL-78 Shown
1.689
2.514
.374
.437 WRENCH FLATS
.437 FLATS
.500
DIA
.513 DIA MAX
"L"
LENGTH
.445
DIA
.380
DIA
2.660
.570
.812
.560
.375
.281
.156 DIA MTG HOLE
STD. 2 DSI (.580 WIDE)
.450 DIA THRU
1.000
TYP
.688
TYP
1.404
M
S
L
3.483
1.046
.750
.625
.330 MAX
2.077
.660
2.650
.420
JSISM-60
2.250
.625
1.20
3.969
.374
DIA TYP
Twinax/Triax Connectors / Miniature Patching
Twinax Patch Plug
PL71L-
Twinax Patch Jack
TRB 3-Lug
J72L
Twinax Patch Cord
Twinax......................................... PTWYL-L-Z
Triax............................................ PTRYL-L-Z
Looping Plug
Twinax.......................................... LPTWL-Z
Triax.............................................. LPTRL--Z
Panel Dimensions
Modules/Panels
Jacks/Module
Jacks/Panel
Part Number
19”x3.483”
10
2
20
155-0830-1 (JSISM-60)
19”x2.34”
10
4
40
JSISM-120
STD. 2 DSI (.580 WIDE)
.450 DIA THRU
1.000
TYP
.688
TYP
1.404
M
S
L
3.483
1.046
.750
.625
.330 MAX
2.077
M
S
L
M
S
L
.660
2.650
.420
.330 MAX TYP
5.234
1.404
1.000
2.218
2.608
.204
4.826
.660
2.077
.450 DIA THRU
120 HOLES
.750
.625
.625
JSISM-60
JSISM-120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com