Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 79 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 79 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 75Page - Emerson Network Power PLR75C-201. Datasheet HTML 76Page - Emerson Network Power PLR75C-201. Datasheet HTML 77Page - Emerson Network Power PLR75C-201. Datasheet HTML 78Page - Emerson Network Power PLR75C-201. Datasheet HTML 79Page - Emerson Network Power PLR75C-201. Datasheet HTML 80Page - Emerson Network Power PLR75C-201. Datasheet HTML 81Page - Emerson Network Power PLR75C-201. Datasheet HTML 82Page - Emerson Network Power PLR75C-201. Datasheet HTML 83Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
77
Cable Group Table
Cable Group Tables
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
BELDEN
83317
TWINAX
*
-223
0.112
0.019
600V
BELDEN
83318
TWINAX
-29
-204
0.132
0.025
600V
BELDEN
83319
TWINAX
*
-221
0.139
0.032
NC
BELDEN
84142
COAX
-1
-021
0.195
0.037
50
BELDEN
84303
COAX
-21
-011
0.170
0.037
50
BELDEN
86262
COAX
-2A
-022
0.220
0.025
93
BELDEN
87108
COAX
-2A
-023
_
_
_
BELDEN
87120
COAX
-52
-024
0.256
0.040
75
BELDEN
88281
COAX
-41
*
0.270
0.031
75
BELDEN
89108
COAX
-2A
-023
0.218
0.032
75
BELDEN
89120
COAX
-52
*
0.235
0.041
75
BELDEN
89162
COAX
-2A
-019
_
_
75
BELDEN
89182
TWINAX
-54
0.307
0.031
150
BELDEN
89248
COAX
-52
*
0.222
0.040
75
BELDEN
89269
COAX
-2A
-022
0.222
0.025
93
BELDEN
89272
TWINAX
-55
*
0.220
0.039
78
BELDEN
89292
COAX
*
-052
0.348
0.064
75
BELDEN
89555
COAX
-53
-019
0.230
0.023
75
BELDEN
89880
COAX
-50
_
0.375
0.086
50
BELDEN
89907
COAX
-21 (20/90)
*
0.160
0.037
50
BELDEN
513945
COAX
_
-052
0.405
0.064
75
BELDEN
533945
COAX
-41
-020
0.266
0.041
75
BELDEN
549945
COAX
_
-023
0.232
0.032
75
BELDEN
551945
COAX
_
-023
0.232
0.030
75
BELDEN
568937
COAX
-36
-027
0.123
0.016
75
BELDEN
573945
COAX
-22
-009
0.146
0.018
75
BELDEN
613948
COAX
_
-025
0.348
0.064
75
BELDEN
1151A
COAX
-2
-013A
0.247
0.032
75
BELDEN
1152A
COAX
-41
*
0.280
0.040
75
BELDEN
1162A
TWINAX
-8
_
0.330
0.037
100
BELDEN
1163A
COAX
-6
-016
_
_
100
BELDEN
1164B
COAX
-22
-009
0.145
0.019
75
BELDEN
1167A
COAX
-22
-009
0.152
0.020
75
BELDEN
1167B
COAX
-22
-009
0.146
0.019
75
BELDEN
1168A
COAX
-141
0.141
0.037
_
BELDEN
1223A
COAX
-41
-020
0.275
0.040
75
BELDEN
1263A
COAX
*
-009
0.160
0.021
75
BELDEN
1406B
COAX
-22
-009
0.146
0.019
75
BELDEN
1407B
COAX
-22
-009
0.146
0.019
75
BELDEN
1417B
COAX
_
-009
0.150
0.018
75
BELDEN
1418B
COAX
-22
-009
0.150
0.015
75
BELDEN
1426A
COAX
-2
-014
0.242
0.032
75
BELDEN
1505A
COAX
-2
-025
0.234
0.032
75
BELDEN
1505F
COAX
-2
_
0.242
0.034
75
BELDEN
1520A
COAX
-5
-004
0.102
0.012
75
BELDEN
1521A
COAX
_
-004
0.560
0.012
75
BELDEN
1522A
COAX
-36
-004
0.107
0.012
75
BELDEN
1523A
COAX
-6A
-053
0.400
0.064
75
BELDEN
1525A
COAX
-6A
TOO LARGE
0.404
0.064
75
BELDEN
1530A
COAX
-41
-020
0.270
0.040
75
BELDEN
1547A
COAX
-41
-020
0.275
0.040
75
BELDEN
1617A
COAX
-6B
TOO LARGE
0.407
0.064
75
BELDEN
1671A
COAX
-86
-003
0.087
0.020
50
BELDEN
1671J
COAX
-31
_
0.127
0.020
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com