Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLR75C-201. Arkusz danych(PDF) 46 Page - Emerson Network Power

Numer części PLR75C-201.
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PLR75C-201. Arkusz danych(HTML) 46 Page - Emerson Network Power

Back Button PLR75C-201. Datasheet HTML 42Page - Emerson Network Power PLR75C-201. Datasheet HTML 43Page - Emerson Network Power PLR75C-201. Datasheet HTML 44Page - Emerson Network Power PLR75C-201. Datasheet HTML 45Page - Emerson Network Power PLR75C-201. Datasheet HTML 46Page - Emerson Network Power PLR75C-201. Datasheet HTML 47Page - Emerson Network Power PLR75C-201. Datasheet HTML 48Page - Emerson Network Power PLR75C-201. Datasheet HTML 49Page - Emerson Network Power PLR75C-201. Datasheet HTML 50Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
44
1.994
50,65
[
]
3.295
83,69
[
]
.375
9,53
[
]
1.494
37,95
[
]
2X .375
9,53
[
]
.500
12,7
[
]
1.295
32,89
[
]
.450
11,43
[
]
2X Ø.347
8,81
[
]
2.59
65,9
[
]
2X .570
14,48
[
]
1.177
29,9
[
]
1.375
34,93
[
]
.625
15,88
[
]
.600
15,24
[
]
2X .075
1,91
[
]
1.635
41,53
[
]
2X Ø.156
3,96
[
]
2X Ø.447
11,35
[
]
BNC
RECEPTACLES
Patching Products / High Frequency
Video Patching
The HDVDPMN is superior quality, high bandwidth, dual video
patch jack. This low profile, high performance component is
designed for HDTV digital applications where space allocation
is critical, such as in video truck application. It is ideal for
situations where self-normalling is not practical, usually due to
environmental considerations such as high ambient airborne
particles or high vibration.
When used in conjunction with the LPMWHF looping plug, a
“normal-thru” circuit is achieved, which will pass the full 1.485
Gbps of uncompressed data (2.25GHz of frequency) needed for
HDTV, with return loss performance which exceeds SMPTE292M
requirements. This high performance is maintained when
patching from one location to another, using the PCMWB-L patch
cord (call customer service).
HDTV Ready High Frequency 75
Ohm Dual Coaxial Mini-WECo Patch
Jack with BNC Receptacles
HDVDPMN
HDTV Ready High Frequency 75
Ohm Dual Coaxial WECo Patch Jack
with BNC Receptacles
HDVDPN
Note: uses the LPW-75 to normalize the circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com