Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 6 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 2Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 3Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 4Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 5Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 6Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 7Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 8Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 9Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
6
Maxim Integrated
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVL = 0 to 1mA
(MAX8903A/C/D/H/J/N/Y)
4.6
5.0
5.4
VL Output Voltage
VDC = VUSB = 6V
IVL = 0 to 10mA
(MAX8903B/E/G)
4.6
5.0
5.4
V
VL UVLO Threshold
VVL falling; 200mV hysteresis
3.2
V
Thermal Shutdown Temperature
160
°C
Thermal Shutdown Hysteresis
15
°C
ELECTRICAL CHARACTERISTICS (continued)
(VDC = VUSB = 5V, VBAT = 4V, circuit of Figure 2, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
Note 1: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 2: For the 100mA USB mode using the DC input, the step-down regulator is turned off and its high-side switch operates as a
linear regulator with a 100mA current limit. The linear regulator’s output is connected to LX and its output current flows
through the inductor into CS and finally to SYS.
Note 3: For the 500mA USB mode, the actual current drawn from USB is less than the output current due to the input/output current
ratio of the DC-DC converter.
Note 4: For short-circuit protection, SYS sources 25mA below VSYS = 400mV, and 50mA for VSYS between 400mV and 2V.
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
MAX8903A/B/C/D/E/H/J/N/Y
BATTERY CHARGER EFFICIENCY
vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
4.5
4.0
3.0
3.5
2.0
2.5
1.5
10
20
30
40
50
60
70
80
90
100
0
1.0
5.0
VDC = 8V
IBAT = 0.15A
IBAT = 1.5A
VDC = 5V
VDC = 12V
MAX8903G BATTERY CHARGER
EFFICIENCY vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
4.5
4.0
3.0
3.5
2.0
2.5
1.5
10
20
30
40
50
VDC = 12V
IBATT = 0.15A
IBATT = 1.5A
60
70
80
90
100
0
1.0
5.0
VDC = 6V
VDC = 9V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4.0
3.5
4.5
48
6
10121416
MAX8903A/B/C/D/E/H/J/N/Y
SWITCHING FREQUENCY vs. VDC
DC VOLTAGE (V)
VBAT = 3V
RISET = 1.2k
Ω
VCEN = 0V
VBAT = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com