Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 25 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 25 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 21Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 22Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 23Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 24Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 25Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 26Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 27Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 28Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
25
Maxim Integrated
DC INPUT
VOLTAGE
RANGE
DC STEP-DOWN
OUTPUT
CURRENT LIMIT
(ISDMAX)
PART NUMBER,
SWITCHING
FREQUENCY*
RECOMMENDED INDUCTOR
9V ±10%
2A
MAX8903A/B/C/D/E,
4MHz
2.2µH inductor, DFE322512C-2R2N, TOKO
3.2mm x 2.5mm x 1.2mm, 91m
Ω (max), 2.4A
or 2.2µH Inductor, IFSC1515AHER2R2M01, Vishay
3.8mm x 3.8mm x 1.8mm, 45m
Ω (max), 3A
9V ±10%
1A
MAX8903A/B/C/D/E,
4MHz
2.2µH Inductor, IFSC1008ABER2R2M01, Vishay
2.5mm x 2mm x 1.2mm, 90m
Ω (max), 2.15A
or 2.2µH Inductor, LQH3NPN2R2NJ0, Murata
3mm x 3mm x 1.1mm, 83m
Ω (max), 1.15A
9V ±10%
2A
MAX8903G, 1MHz
4.3uH Inductor, DEM4518C (1235AS-H-4R3M), TOKO
4.7mm x 4.5mm x 1.8mm, 84m
Ω (max), 2.0A
or 4.7µH Inductor, IFSC1515AHER4R7M01, Vishay
3.8mm x 3.8mm x 1.8mm, 90m
Ω (max), 2.0A
9V ±10%
1A
MAX8903G, 1MHz
4.7µH inductor, DEM2818C (1227AS-H-4R7M), TOKO
3.2mm x 2.8mm x 1.8mm, 92m
Ω (max), 1.1A
or 4.7µH inductor, IFSC1008ABER4R7M01, Vishay
2.5mm x 2mm x 1.2mm, 212m
Ω (max), 1.2A
12V ±10%
2A
MAX8903G, 1MHz
4.3µH inductor, DEM4518C (1235AS-H-4R3M), TOKO
4.7mm x 4.5mm x 1.8mm, 84m
Ω (max), 2.0A
or 4.7µH inductor, IFSC1515AHER4R7M01, Vishay
3.8mm x 3.8mm x 1.8mm, 90m
Ω (max), 2.0A
12V ±10%
1A
MAX8903G, 1MHz
6.8µH, IFSC1515AHER6R8M01, Vishay
3.8mm x 3.8mm x 1.8mm, 115m
Ω (max), 1.5A
or 6.8µH, LQH44PN6R8MP0, Murata
4mm x 4mm x 1.65mm, 144m
Ω (max), 1.34A
Table 5. Recommended Inductor Examples (continued)
*
See the Selector Guide for more information about part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com