Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 13 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 9Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 10Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 11Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 12Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 13Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 14Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 15Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 16Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
13
Maxim Integrated
SYS
BATTERY
CONNECTOR
BAT+
BAT-
+
NTC
T
THM
USB
BAT
ISET
Li+ BATTERY
CHARGER
AND SYS LOAD SWITCH
IC
THERMAL
REGULATION
CHARGER
CURRENT-
VOLTAGE
CONTROL
USB
UOK
DC
DOK
DC POWER
MANAGEMENT
PWM
STEP-DOWN
REGULATOR
PWR
OK
USB POWER
MANAGEMENT
CURRENT-
LIMITED
VOLTAGE
REGULATOR
SET
INPUT
LIMIT
PWR
OK
VL
CHG
FLT
CT
CHARGE
TERMINATION
AND MONITOR
CHARGE
TIMER
THERMISTOR
MONITOR
(SEE FIGURE 7)
CEN
INPUT AND
CHARGER
CURRENT-LIMIT
SET LOGIC
DCM
DC
IUSB
USUS
IDC
500mA
100mA
USB
LIMIT
DC
LIMIT
AC
ADAPTER
GND
DC MODE
USB
SUSPEND
TO
SYSTEM
LOAD
LX
CS
BST
SET
INPUT
LIMIT
PG
EP
MAX8903_
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com