Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 19 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 19 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 15Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 16Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 17Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 18Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 19Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 20Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 21Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 22Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
19
Maxim Integrated
When the charger is turned on, the charge current ramps
from 0A to the ISET current value in typically 1.0ms.
Charge current also soft-starts when transitioning to fast-
charge from prequal, when the input power source is
switched between USB and DC, and when changing the
USB charge current from 100mA to 500mA with the IUSB
logic input. There is no di/dt limiting, however, if RISET is
changed suddenly using a switch.
Battery Charger
While a valid input source is present, the battery charg-
er attempts to charge the battery with a fast-charge
current determined by the resistance from ISET to
GND. Calculate the RISET resistance according to the
following equation:
RISET = 1200V/ICHGMAX
Monitoring Charge Current
The voltage from ISET to GND is a representation of the
battery charge current and can be used to monitor the
current charging the battery. A voltage of 1.5V repre-
sents the maximum fast-charge current.
If necessary, the charge current is reduced automati-
cally to prevent the SYS voltage from dropping.
Therefore, a battery never charges at a rate beyond the
capabilities of a 100mA or 500mA USB input, or over-
loads an AC adapter. See Figure 5.
When VBAT is below VBATPQ, the charger enters pre-
qual mode and the battery charges at 10% of the maxi-
mum fast-charge rate until the voltage of the deeply
discharged battery recovers. When the battery voltage
reaches VBATREG and the charge current drops to 10%
of the maximum fast-charge current, the charger enters
the DONE state. The charger restarts a fast-charge
cycle if the battery voltage drops by 100mV.
Charge Termination
When the charge current falls to the termination thresh-
old (ITERM) and the charger is in voltage mode, charg-
ing is complete. Charging continues for a brief 15s
top-off period and then enters the DONE state where
charging stops.
Note that if charge current falls to ITERM as a result of
the input or thermal limiter, the charger does not enter
DONE. For the charger to enter DONE, charge current
must be less than ITERM, the charger must be in volt-
age mode, and the input or thermal limiter must not be
reducing charge current.
Charge Status Outputs
Charge Output (
CHG)
CHG is an open-drain, active-low output that indicates
charger status.
CHG is low when the battery charger is
in its prequalification and fast-charge states.
CHG goes
high impedance if the thermistor causes the charger to
go into temperature suspend mode.
When used in conjunction with a microprocessor (µP),
connect a pullup resistor between
CHG and the logic
I/O voltage to indicate charge status to the µP.
Alternatively,
CHG can sink up to 20mA for an LED
charge indicator.
Fault Output (
FLT)
FLT is an open-drain, active-low output that indicates
charger status.
FLT is low when the battery charger has
entered a fault state when the charge timer expires.
This can occur when the charger remains in its prequal
state for more than 33 minutes or if the charger remains
in fast-charge state for more than 660 minutes (see
Figure 6). To exit this fault state, toggle
CEN or remove
and reconnect the input source.
When used in conjunction with a microprocessor (µP),
connect a pullup resistor between
FLT and the logic I/O
voltage to indicate charge status to the µP.
Alternatively,
FLT can sink up to 20mA for an LED fault
indicator. If the
FLT output is not required, connect FLT
to ground or leave unconnected.
Charge Timer
A fault timer prevents the battery from charging indefi-
nitely. The fault prequal and fast-charge timers are con-
trolled by the capacitance at CT (CCT).
1.5
0
MONITORING THE BATTERY
CHARGE CURRENT WITH VISET
0
1200V/RISET
BATTERY CHARGING CURRENT (A)
DISCHARGING
VISET (V)
Figure 5. Monitoring the Battery Charge Current with the
Voltage from ISET to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com