Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 15 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 15 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 11Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 12Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 13Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 14Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 15Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 16Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 17Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 18Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
15
Maxim Integrated
As shown in Figure 1, the IC includes a full-featured
charger with thermistor monitor, fault timer, charger
status, and fault outputs. Also included are power-OK
signals for both USB and DC. Flexibility is maintained
with adjustable charge current, input current limit, and
a minimum system voltage (when charging is scaled
back to hold the system voltage up).
The MAX8903_ prevents overheating during high ambi-
ent temperatures by limiting charging current when the
die temperature exceeds +100°C.
DC Input—Fast Hysteretic
Step-Down Regulator
If a valid DC input is present, the USB power path is
turned off and power for SYS and battery charging is
supplied by the high-frequency step-down regulator
from DC. If the battery voltage is above the minimum
system voltage (VSYSMIN, Figure 4), the battery charger
connects the system voltage to the battery for lowest
power dissipation. The step-down regulation point is
then controlled by three feedback signals: maximum
step-down output current programmed at IDC, maximum
charger current programmed at ISET, and maximum
PG
PG
DC
DC
BST
LX
LX
CS
CS
SYS
SYS
BAT
BAT
FLT
UOK
DOK
FAULT
OUTPUT
USB PWR-OK
DC PWR-OK
TO VL
RPU
4 x 100k
Ω
18
19
8
24
23
21
20
1
2
3
4
6
27
28
25
26
17
USB
ISET
IDC
RISET
RIDC
DCM
THM
CEN
IUSB
GND
NTC
10k
Ω
USUS
5
9
16
12
CHARGE ON
OFF
100mA
500mA
USB SUSPEND
14
7
15
TO SYSTEM
LOAD
CHG
22
CHARGE
INDICATOR
CDC
4.7
µF
L1
1
µH
CT
EP
CCT
0.15
µF
CBST
0.1
µF
13
11
10
RT
10k
Ω
1-CELL
LI+
CBAT
10
µF
CSYS
(SEE TABLE 6 FOR CSYS SELECTION)
VL
MAX8903_
VBUS
D-
D+
ID
GND
CVL
1
µF
USB
ADAPTER
DC MODE
499k
Ω
(SEE TABLE 5 FOR
INDUCTOR VALUE
SELECTION)
Figure 3. Typical Application Circuit Using a Mini 5 Style Connector or Other DC/USB Common Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com