Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 17 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 17 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 13Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 14Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 15Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 16Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 17Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 18Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 19Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 20Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
17
Maxim Integrated
circuit of Figure 3 shows a simple MOSFET and resistor
on DCM to prevent any current from flowing from DCM
through the internal diode to DC. This circuit of Figure 3
allows a microprocessor to drive the gate of the MOS-
FET to any state at any time.
An alternative to the simple MOSFET and resistor on
DCM as shown in Figure 3 is to place a 1M
Ω resistor in
series with the DCM input to the microprocessor. The
microprocessor can then monitor the
DOK output and
make sure that whenever
DOK is high DCM is also low.
In the event that DCM is driven to a higher voltage than
DC, the 1M
Ω series resistance limits the current from
DCM through the internal diode to DC to a few µA.
USB Input—Linear Regulator
If a valid USB input is present with no valid DC input,
current for SYS and battery charging is supplied by a
low-dropout linear regulator connected from USB to
SYS. The SYS regulation voltage shows the same char-
acteristic as when powering from the DC input (see
Figure 4). The battery charger operates from SYS with
any extra available current, while not exceeding the
maximum-allowed USB current. If both USB and DC
inputs are valid, power is only taken from the DC input.
The maximum USB input current is set by the logic
state of the IUSB input to either 100mA or 500mA.
Power Monitor Outputs (
UOK, DOK)
DOK is an open-drain, active-low output that indicates
the DC input power status. With no source at the USB
pin, the source at DC is considered valid and
DOK is
driven low when: 4.15V < VDC < 16V. When the USB
voltage is also valid, the DC source is considered valid
and
DOK is driven low when: 4.45V < VDC < 16V. The
higher minimum DC voltage with USB present helps
guarantee cleaner transitions between input supplies. If
the DC power-OK output feature is not required, con-
nect
DOK to ground.
UOK is an open-drain, active-low output that indicates
the USB input power status.
UOK is low when a valid
source is connected at USB. The source at USB is valid
when 4.1V < VUSB < 6.6V. If the USB power-OK output
feature is not required, connect
UOK to ground.
Both the
UOK and the DOK circuitry remain active in
thermal overload, USB suspend, and when the charger
is disabled.
DOK and UOK can also be wire-ORed
together to generate a single power-OK (
POK) output.
Thermal Limiting
When the die temperature exceeds +100°C, a thermal
limiting circuit reduces the input current limit by 5%/°C,
bringing the charge current to 0mA at +120°C. Since
the system load gets priority over battery charging, the
battery charge current is reduced to 0mA before the
input limiter drops the load voltage at SYS. To avoid
false charge termination, the charge termination detect
function is disabled in this mode. If the junction temper-
ature rises beyond +120°C, no current is drawn from
DC or USB, and VSYS regulates at 50mV below VBAT.
System Voltage Switching
DC Input
When charging from the DC input, if the battery is
above the minimum system voltage, SYS is connected
to the battery. Current is provided to both SYS and the
battery, up to the maximum program value. The step-
down output current sense and the charger current
sense provide feedback to ensure the current loop
demanding the lower input current is satisfied. The
advantage of this approach when powering from DC is
that power dissipation is dominated by the step-down
regulator efficiency, since there is only a small voltage
drop from SYS to BAT. Also, load transients can be
absorbed by the battery while minimizing the voltage
disturbance on SYS. If both the DC and USB inputs are
valid, the DC input takes priority and delivers the input
current, while the USB input is off.
After the battery is done charging, the charger is turned
off and the SYS load current is supplied from the DC
input. The SYS voltage is regulated to VSYSREG. The
charger turns on again after the battery drops to the
restart threshold. If the load current exceeds the input
limiter, SYS drops down to the battery voltage and the
50m
Ω SYS-to-BAT PMOS switch turns on to supply the
extra load current. The SYS-to-BAT switch turns off again
once the load is below the input current limit. The 50m
Ω
PMOS also turns on if valid DC input power is removed.
USB Input
When charging from the USB input, the DC input step-
down regulator turns off and a linear regulator from
USB to SYS powers the system and charges the bat-
tery. If the battery is greater than the minimum system
IBAT x RON
VBATREG
VSYSREG
VBAT
VSYSMIN
VSYS
VCEN = 0V
VDC AND/OR VUSB = 5.0V
MAX8903_
Figure 4. SYS Tracking VBAT to the Minimum System Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com