Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 26 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 26 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 22Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 23Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 24Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 25Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 26Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 27Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 28Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 29Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 30Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
26
Maxim Integrated
Note 5: Typical values. See the
Electrical Characteristics table for min/max values.
Note 6: Note that this also changes the timing for the prequal and fast-charge timers.
Note 7: See the
Power Enable on Battery Detection section for details.
Note 8: The MAX8903H is a newer version of the MAX8903C that is a recommended for new designs.
Selector Guide
The MAX8903_ is available in several options designat-
ed by the first letter following the root part number. The
basic
architecture
and
functionality
of
the
MAX8903A–MAX8903E/MAX8903G/MAX8903Y are the
same. Their differences lie in certain electrical and
operational parameters. Table 6 outlines these differ-
ences.
Table 6. Selector Guide
PARAMETER MAX8903A MAX8903B MAX8903C MAX8903D MAX8903E MAX8903G MAX8903H MAX8903J MAX8903N MAX8903Y
Minimum SYS
Regulation
Voltage
(VSYSMIN)
3.0V
3.0V
3.4V
3.4V
3.0V
3.0V
3.4V
3.4V
3.4V
3.0V
SYS Regulation
Voltage
(VSYSREG)
4.4V
4.325V
4.4V
4.4V
4.325V
4.325V
4.4V
4.5V
4.4V
4.4V
Minimum
Allowable
Inductor
2.2µH
2.2µH
2.2µH
2.2µH
2.2µH
2.2µH
1µH
1µH
1µH
1µH
Switching
Frequency
4MHz
4MHz
4MHz
4MHz
4MHz
1MHz
4MHz
4MHz
4MHz
4MHz
SYS Load
Regulation
40mV/A
25mV/A
40mV/A
40mV/A
25mV/A
25mV/A
40mV/A
25mV/A
25mV/A
25mV/A
Minimum SYS
Output
Capacitor (CSYS)
10µF
22µF
10µF
10µF
22µF
22µF
10µF
10µF
22µF
22µF
BAT Regulation
Voltage
(VBATREG)
(Note 5)
4.2V
4.2V
4.2V
4.1V
4.1V
4.2V
4.2V
4.35V
4.15V
4.15V
BAT Prequal
Threshold
(VBATPQ)
(Note 5)
3V
2.5V
3V
3V
2.5V
2.5V
3V
3V
3V
3V
Top-Off Timer
(Note 6)
15s (fixed)
132min
15s (fixed)
15s (fixed)
132min
132min
15s (fixed)
15s (fixed)
15s (fixed)
15s (fixed)
VL Output
Current Rating
1mA
10mA
1mA
1mA
10mA
10mA
1mA
1mA
1mA
1mA
Power-Enable
On Battery
Detection
(Note 7)
No
Yes
No
No
Yes
Yes
No
No
No
No
Comments
—
—
—
—
—
—
(Note 8)
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com