Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 14 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 14 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 10Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 11Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 12Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 13Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 14Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 15Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 16Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 17Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
14
Maxim Integrated
Circuit Description
The MAX8903_ is a dual input charger with a 16V input
for a wide range of DC sources and USB inputs. The IC
includes a high-voltage (16V) input DC-DC step-down
converter that reduces charger power dissipation while
also supplying power to the system load. The step-
down converter supplies up to 2A to the system, the
battery, or a combination of both.
A USB charge input can charge the battery and power
the system from a USB power source. When powered
from USB or the DC input, system load current peaks
that exceed what can be supplied by the input are sup-
plemented by the battery.
The MAX8903_ also manages load switching from the
battery to and from an external power source with an
on-chip 50m
Ω MOSFET. This switch also helps support
load peaks using battery power when the input source
is overloaded.
PG
PG
DC
DC
BST
LX
LX
CS
CS
SYS
SYS
BAT
BAT
FLT
UOK
DOK
FAULT
OUTPUT
USB PWR OK
DC PWR OK
TO VL
RPU
4 x 100k
Ω
18
19
8
24
23
21
20
1
2
3
4
6
27
28
25
26
17
USB
ISET
IDC
RISET
RIDC
DCM
THM
CEN
IUSB
GND
EP
NTC
10k
Ω
USUS
5
9
16
12
CHARGE ON
OFF
100mA
500mA
USB SUSPEND
14
7
15
TO SYSTEM
LOAD
CHG
22
CHARGE
INDICATOR
CDC
4.7
µF
CT
CCT
0.15
µF
ADAPTER
VBUS
GND
CBST
0.1
µF
L1
1
µH
13
11
CUSB
4.7
µF
USB
(SEE TABLE 5 FOR
INDUCTOR SELECTION)
10
RT
10k
Ω
TO DC
1-CELL
LI+
CBAT
10
µF
CVL
1
µF
CSYS
(SEE TABLE 6 FOR CSYS SELECTION)
VL
MAX8903_
Figure 2. Typical Application Circuit Using a Separate DC and USB Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com