Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 22 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 22 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 18Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 19Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 20Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 21Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 22Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 23Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 24Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 25Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
22
Maxim Integrated
where:
RT = The resistance in Ω of the thermistor at tempera-
ture T in Celsius
R25 = The resistance in Ω of the thermistor at +25°C
β = The material constant of the thermistor, which typi-
cally ranges from 3000K to 5000K
T = The temperature of the thermistor in °C
Table 3 shows the MAX8903_ THM temperature limits
for different thermistor material constants.
Some designs might prefer other thermistor temperature
limits. Threshold adjustment can be accommodated by
changing RTB, connecting a resistor in series and/or in
parallel with the thermistor, or using a thermistor with dif-
ferent
β. For example, a +45°C hot threshold and 0°C
cold threshold can be realized by using a thermistor
with a
β of 4250 and connecting 120kΩ in parallel. Since
the thermistor resistance near 0°C is much higher than it
is near +50°C, a large parallel resistance lowers the
cold threshold, while only slightly lowering the hot
threshold. Conversely, a small series resistance raises
the hot threshold, while only slightly raising the cold
threshold. Raising RTB lowers both the cold and hot
thresholds, while lowering RTB raises both thresholds.
Note that since VL is active whenever valid input power
is connected at DC or USB, thermistor bias current
flows at all times, even when charging is disabled (
CEN
= high). When using a 10k
Ω thermistor and a 10kΩ
pullup to VL, this results in an additional 250µA load.
This load can be reduced to 25µA by instead using a
100k
Ω thermistor and 100kΩ pullup resistor.
Power Enable on Battery Detection
The power enabled on battery detection function allows
the MAX8903B/MAX8903E/MAX8903G to automatically
enable/disable the USB and DC power inputs when the
battery is applied/removed. This function utilizes the
battery pack’s integrated thermistor as a sensing mech-
anism to determine when the battery is applied or
removed. With this function, MAX8903B/MAX8903E/
MAX8903G-based systems shut down when the battery
is removed regardless of whether external power is
available at the USB or DC power inputs.
The MAX8903B/MAX8903E/MAX8903G implement the
power enabled on battery detection function with the ther-
mistor detector comparator as shown in Figure 7. If no bat-
tery is present, the absence of the thermistor allows RTB to
pull THM to VL. When the voltage at the THM pin increases
above 87% of VL, it is assumed that the battery has been
removed and the system powers down. However, there is
also the option to bypass this thermistor sensing option
completely, and so retain the ability to remove the battery
and let the system continue to operate with external power.
If the THM pin is tied to GND (voltage at THM is below 3%
of VL), the thermistor option is disabled and the system
does not respond to the thermistor input. In those cases, it
is assumed that the system has its own temperature sens-
ing, and halts changing through
CEN when the tempera-
ture is outside of the safe charging range.
Minimum SYS Output Capacitor
Based on the version of the MAX8903_, the SYS load
regulation is either 25mV/A or 40mV/A. The 25mV/A ver-
sions achieve better load regulation by increasing the
feedback loop gain. To ensure feedback stability with
this higher gain, a larger SYS output capacitor is
required. Devices with 25m/V SYS load regulation
require 22µF SYS output capacitor whereas devices
with 40m/V only require 10µF. See Table 6 for more
information about the various versions of the
MAX8903_.
Inductor Selection for
Step-Down DC-DC Regulator
The MAX8903_'s control scheme requires an external
inductor (LOUT) from 1.0µH to 10µH for proper operation.
This section describes the control scheme and the consid-
erations for inductor selection. Table 5 shows recommend-
ed inductors for typical applications. For assistance with
the calculations needed to select the optimum inductor for
a given application, refer to the spreadsheet at:
www.maximintegrated.com/design/tools/calcula-
tors/files/MAX8903-INDUCTOR-DESIGN.xls.
The MAX8903 step-down DC-DC regulator implements a
control scheme that typically results in a constant switch-
ing frequency (fSW). When the input voltage decreases to
a value near the output voltage, high duty cycle operation
occurs and the device can operate at less than fSW due
to minimum off-time (tOFFMIN) constraints. In high duty
cycle operation, the regulator operates with tOFFMIN and
a peak current regulation. Similarly, when the input
voltage is too high to allow fSW operation due to minimum
28-PIN 4mm x 4mm THIN QFN
SINGLE-LAYER PCB
MULTILAYER PCB
Continuous
Power
Dissipation
1666.7mW
Derate 20.8mW/°C
above +70°C
2286mW
Derate 28.6mW/°C
above +70°C
θJA
48°C/W
35°C/W
θJC
3°C/W
3°C/W
Table 4. Package Thermal Characteristics
Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com