Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 16 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 16 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 12Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 13Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 14Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 15Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 16Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 17Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 18Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 19Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
16
Maxim Integrated
die temperature. The feedback signal requiring the
smallest current controls the average output current in
the inductor. This scheme minimizes total power dissi-
pation for battery charging and allows the battery to
absorb any load transients with minimum system volt-
age disturbance.
If the battery voltage is below VSYSMIN, the charger does
not directly connect the system voltage to the battery
and the system voltage (VSYS) is slightly above VSYSMIN
as shown in Figure 4. The battery charger independently
controls the battery charging current. VSYSMIN is set to
either 3.0V or 3.4V based on the version of MAX8903_.
See Table 6.
After the battery charges to 50mV above VSYSMIN, the
system voltage is connected to the battery. The battery
fast-charge current then controls the step-down con-
verter to set the average inductor current so that both
the programmed input current limit and fast-charge cur-
rent limit are satisfied.
DC-DC Step-Down Control Scheme
A proprietary hysteretic current PWM control scheme
ensures fast switching and physically tiny external com-
ponents. The feedback control signal that requires the
smallest input current controls the center of the peak
and valley currents in the inductor. The ripple current is
internally set to provide 4MHz operation. When the
input voltage decreases near the output voltage, very
high duty cycle occurs and, due to minimum off-time,
4MHz operation is not achievable. The controller then
provides minimum off-time, peak current regulation.
Similarly, when the input voltage is too high to allow
4MHz operation due to the minimum on-time, the con-
troller becomes a minimum on-time, valley current regu-
lator. In this way, ripple current in the inductor is always
as small as possible to reduce ripple voltage on SYS for
a given capacitance. The ripple current is made to vary
with input voltage and output voltage in a way that
reduces frequency variation. However, the frequency
still varies somewhat with operating conditions. See the
Typical Operating Characteristics.
DC Mode (DCM)
As shown in Table 2, the DC input supports both AC
adapters (up to 2A) and USB (up to 500mA). With the
DCM logic input set high, the DC input is in adapter
mode and the DC input current limit is set by the resis-
tance from IDC to GND (RIDC). Calculate RIDC accord-
ing to the following equation:
RIDC = 6000V/IDC-MAX
With the DCM logic input set low, the DC input current
limit is internally programmed to 500mA or 100mA as
set by the IUSB logic input. With the IUSB logic input
set high, the DC input current limit is 500mA and the
DC input delivers current to SYS through the step-down
regulator. With the IUSB logic input set low, the DC
input current limit is 100mA. In this 100mA mode, the
step-down regulator is turned off and its high-side
switch operates as a linear regulator with a 100mA cur-
rent limit. The linear regulator’s output is connected to
LX and its output current flows through the inductor into
CS and finally to SYS.
The DCM pin has an internal diode to DC as shown in
Figure 1. To prevent current from flowing from DCM
through the internal diode and to the DC input, DCM
cannot be driven to a voltage higher than DC. The
COMPONENT
(FIGURES 2 AND 3)
FUNCTION
PART
CDC, CUSB
Input filter capacitor
4.7µF ceramic capacitor
CVL
VL filter capacitor
1.0µF ceramic capacitor
CSYS
SYS output bypass capacitor
10µF (MAX8903A/MAX8903C/MAX8903D/MAX8903H/MAX8903J) or
22µF (MAX8903B/MAX8903E/MAX8903G/MAX8903Y) ceramic capacitor
CBAT
Battery bypass capacitor
10µF ceramic capacitor
CCT
Charger timing capacitor
0.15µF low TC ceramic capacitor
RPU (X4)
Logic output pullup resistors
100k
Ω
THM
Negative TC thermistor
Philips NTC thermistor, P/N 2322-640-63103, 0k
Ω ±5% at +25°C
RT
THM pullup resistor
10k
Ω
RIDC
DC input current-limit programming resistor 3k
Ω ±1%, for 2A limit
RISET
Fast-charge current programming resistor 1.2k
Ω ±1%, for 1A charging
L1
DC input step-down inductor
1µH inductor with ISAT > 2A
Table 1. External Components List for Figures 2 and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com