Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 21 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 17Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 18Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 19Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 20Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 21Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 22Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 23Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 24Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
21
Maxim Integrated
VL Regulator
VL is a 5V linear regulator that powers the MAX8903’s
internal circuitry and charges the BST capacitor. VL is
used externally to bias the battery’s thermistor. VL takes
its input power from USB or DC. When input power is
available from both USB and DC, VL takes power from
DC. VL is enabled whenever the input voltage at USB
or DC is greater than ~1.5V. VL does not turn off when
the input voltage is above the overvoltage threshold.
Similarly, VL does not turn off when the charger is dis-
abled (
CEN = high). Connect a 1µF ceramic capacitor
from VL to GND.
Thermistor Input (THM)
The THM input connects to an external negative tem-
perature coefficient (NTC) thermistor to monitor battery
or system temperature. Charging is suspended when
the thermistor temperature is out of range. The charge
timers are suspended and hold their state but no fault is
indicated. When the thermistor comes back into range,
charging resumes and the charge timer continues from
where it left off. Connecting THM to GND disables the
thermistor monitoring function. Table 3 lists the fault
temperature of different thermistors.
Since the thermistor monitoring circuit employs an exter-
nal bias resistor from THM to VL (RTB, Figure 7), the ther-
mistor is not limited only to 10k
Ω (at +25°C). Any
resistance thermistor can be used as long as the value is
equivalent to the thermistor’s +25°C resistance. For
example, with a 10k
Ω at +25°C thermistor, use 10kΩ at
RTB, and with a 100kΩ at +25°C thermistor, use 100kΩ.
For a typical 10k
Ω (at +25°C) thermistor and a 10kΩ
RTB resistor, the charger enters a temperature suspend
state when the thermistor resistance falls below 3.97k
Ω
(too hot) or rises above 28.7k
Ω (too cold). This corre-
sponds to a 0°C to +50°C range when using a 10k
Ω
NTC thermistor with a beta of 3500. The general relation
of thermistor resistance to temperature is defined by
the following equation:
RR
e
T
TC
C
=×
+°
−
°
⎛
⎝⎜
⎞
⎠⎟
⎧
⎨
⎩⎪
⎫
⎬
25
1
273
1
298
β
⎭⎭⎪
THM
GND
THM
OUT OF
RANGE
DISABLE
CHARGER
VL
CEN
VL
0.74 VL
0.87 VL
0.28 VL
0.03 VL
COLD
HOT
RTB
THERMISTOR
CIRCUITRY
THERMISTOR
DETECTOR
MAX8903B/MAX8903E/
MAX8903G ONLY
ENABLE THM
RT
RTS
RTP
ALTERNATE
THERMISTOR
CONNECTION
RT
ALL COMPARATORS
60mV HYSTERESIS
MAX8903_
Figure 7. Thermistor Monitor Circuitry
Thermistor
β (K)
3000
3250
3500
3750
4250
RTB (k
Ω) (Figure 7)
10
10
10
10
10
Resistance at +25°C
(k
Ω)
10
10
10
10
10
Resistance at +50°C
(k
Ω)
4.59
4.30
4.03
3.78
3.316
Resistance at 0°C (k
Ω) 25.14 27.15 29.32 31.66 36.91
Nominal Hot Trip
Temperature (°C)
55
53
50
49
46
Nominal Cold Trip
Temperature (°C)
-3
-1
0
2
4.5
Table 3. Fault Temperatures for Different
Thermistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com