Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 9 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 5Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 6Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 7Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 8Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 9Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 10Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 11Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 12Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
9
Maxim Integrated
MAX8903A/B/C/G/H
CHARGE PROFILE—1400mAh BATTERY
USB INPUT—500mA CHARGE
TIME (min)
180
160
120 140
40 60 80 100
20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0
200
VBAT
IBAT
MAX8903A toc18
MAX8903A/MAX8903B/MAX8903C
IUSB SET TO 500mA
IBAT SET TO 2A
200ns/div
MAX8903A/B/C/D/E/H/J/N/Y DC SWITCHING
WAVEFORMS—LIGHT LOAD
20mV/div
AC-COUPLED
MAX8903A toc19
500mA/div
0A
5V/div
0V
VOUT
VLX
ILX
RSYS = 44
Ω
MAX8903G DC SWITCHING
WAVEFORMS—LIGHT LOAD
MAX8903A toc19a
10V/div
0A
50mV/div
AC-COUPLED
0V
1A/div
VSYS
VLX
ILX
1µs/div
VDC = 9V, L = 2.2µH
CSYS = 22µF,
RSYS = 44
I
MAX8903A/B/C/D/E/H/J/N/Y DC SWITCHING
WAVEFORMS—HEAVY LOAD
MAX8903A toc20
200ns/div
VLX
VOUT
ILX
5V/div
0V
20mV/div
AC-COUPLED
500mA/div
0A
RSYS = 5
Ω
MAX8903G DC SWITCHING
WAVEFORMS—HEAVY LOAD
MAX8903A toc20a
10V/div
0A
50mV/div
AC-COUPLED
0V
1A/div
VSYS
VLX
ILX
1µs/div
VDC = 9V, L = 2.2µH
CSYS = 22µF, RSYS = 5
I
CEN = 1
DC CONNECT WITH
USB CONNECTED (RSYS = 25
Ω)
MAX8903A toc21
200
µs/div
IDC
VSYS
IUSB
IBAT
2V/div
500mA/div
500mA/div
500mA/div
0A
3.6V
347mA
-IBAT = CHARGING
475mA
-335mA
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com