Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 10 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 6Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 7Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 8Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 9Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 10Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 11Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 12Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 13Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
10
Maxim Integrated
400
µs/div
DC CONNECT WITH NO USB
(RSYS = 25
Ω)
2V/div
MAX8903A toc22
5V/div
1A/div
1A/div
3.6V
3.84V
3.6V
3.44V
CDC
CHARGING
CSYS
CHARGING 850mA
-1A
BATTERY
CHARGER
SOFT-START
144mA
0A
VSYS
VBAT
IDC
IBAT
-IBAT = CHARGING
40
µs/div
DC DISCONNECT WITH NO USB
(RSYS = 25
Ω)
2V/div
MAX8903A toc23
5V/div
1A/div
1A/div
3.6V
3.68V
850mA
-1A
144mA
0A
VSYS
VBAT
IDC
IBAT
3.6V
-IBAT = CHARGING
MAX8903A/C/D/H SYS LOAD TRANSIENT
MAX8903A toc24a
0A
20mV/div
AC-COUPLED
500mA/div
VSYS
4.400V
4.360V
1A
0A
ISYS
100µs/div
MAX8903A
VDC = 10.5V
L = 2.2µH
CSYS = 10µF
RIDC = 3k
I (2A)
DCM = HIGH
CEN = 1
MAX8903B/E SYS LOAD TRANSIENT
MAX8903A toc24b
0A
20mV/div
500mA/div
VSYS
4.325V
4.305V
1A
0A
ISYS
100µs/div
MAX8903B
VDC = 10.5V
L = 2.2µH
CSYS = 22µF
RIDC = 3k
I (2A)
DCM = HIGH
CEN = 1
MAX8903G SYS LOAD TRANSIENT
MAX8903A toc24c
0A
50mV/div
500mA/div
VSYS
0A
1A
4.325V
4.305V
ISYS
100µs/div
VDC = 9V
L = 2.2µH
CSYS = 22µF
RIDC = 3k
I (2A)
DCM = 1
CEN = 1
400
µs/div
USB CONNECT WITH NO DC
(RSYS = 25
Ω)
2V/div
MAX8903A toc25
5V/div
500mA/div
500mA/div
3.6V
CUSB
CHARGING
BATTERY
CHARGER
SOFT-START
144mA
VSYS
VUSB
IUSB
IBAT
3.5V
3.75V
5V
475mA
-330mA
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com