Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 12 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 12 Page - Maxim Integrated Products

Back Button MAX8903NETI+T Datasheet HTML 8Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 9Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 10Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 11Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 12Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 13Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 14Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 15Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
12
Maxim Integrated
Pin Description (continued)
PIN
NAME
FUNCTION
13
ISET
Charge Current Set Input. A resistor (RISET) from ISET to GND programs the fast-charge current up to 2A.
The prequal charge current is 10% of the fast-charge current.
14
CEN
Charger Enable Input. Connect
CEN to GND to enable battery charging when a valid source is connected
at DC or USB. Connect to VL, or drive high to disable battery charging.
15
USUS
USB Suspend Input. Drive USUS logic-high to enter USB suspend mode, lowering USB current to 115µA,
and internally shorting SYS to BAT.
16
THM
Thermistor Input. Connect a negative temperature coefficient (NTC) thermistor from THM to GND.
Connect a resistor equal to the thermistor +25°C resistance from THM to VL. Charging is suspended
when the thermistor is outside the hot and cold limits. Connect THM to GND to disable the thermistor
temperature sensor.
17
USB
USB Power Input. USB is capable of delivering 100mA or 500mA to SYS as set by the IUSB logic input.
Connect a 4.7µF ceramic capacitor from USB to GND.
18
FLT
Fault Output. Active-low, open-drain output pulls low when the battery timer expires before prequal or
fast-charge completes.
19
UOK
USB Power-OK Output. Active-low, open-drain output pulls low when a valid input is detected at USB.
UOK is still valid when the charger is disabled (CEN high).
20, 21
BAT
Battery Connection. Connect to a single-cell Li+ battery. The battery charges from SYS when a valid
source is present at DC or USB. BAT powers SYS when neither DC nor USB power is present, or when the
SYS load exceeds the input current limit. Both BAT pins must be connected together externally.
22
CHG
Charger Status Output. Active-low, open-drain output pulls low when the battery is in fast-charge or
prequal. Otherwise,
CHG is high impedance.
23, 24
SYS
System Supply Output. SYS connects to BAT through an internal 50m
Ω system load switch when DC or
USB are invalid, or when the SYS load is greater than the input current limit.
When a valid voltage is present at DC or USB, SYS is limited to VSYSREG. When the system load (ISYS)
exceeds the DC or USB current limit, SYS is regulated to 50mV below BAT, and both the powered input
and the battery service SYS.
Bypass SYS to GND with an X5R or X7R ceramic capacitor. See Table 6 for the minimum recommended
SYS capacitor (CSYS). Both SYS pins must be connected together externally.
25, 26
CS
70m
Ω Current-Sense Input. Connect the step-down inductor from LX to CS. When the step-down
regulator is on, there is a 70m
Ω current-sense MOSFET from CS to SYS. When the step-down regulator is
off, the internal CS MOSFET turns off to block current from SYS back to DC.
27, 28
LX
Inductor Connection. Connect the inductor between LX and CS. Both LX pins must be connected together
externally.
—EP
Exposed Pad. Connect the exposed pad to GND. Connecting the exposed pad does not remove the
requirement for proper ground connections to the appropriate pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com