Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8903NETI+T Arkusz danych(PDF) 5 Page - Maxim Integrated Products

Numer części MAX8903NETI+T
Szczegółowy opis  2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8903NETI+T Arkusz danych(HTML) 5 Page - Maxim Integrated Products

  MAX8903NETI+T Datasheet HTML 1Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 2Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 3Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 4Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 5Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 6Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 7Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 8Page - Maxim Integrated Products MAX8903NETI+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MAX8903A–E/G/H/J/N/Y
2A 1-Cell Li+ DC-DC Chargers
for USB and Adapter Power
5
Maxim Integrated
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
THERMISTOR MONITOR
THM Threshold, Hot
When charging is suspended, 1% hysteresis
0.27 x
VVL
0.28 x
VVL
0.29 x
VVL
V
THM Threshold, Cold
When charging is suspended, 1% hysteresis
0.73 x
VVL
0.74 x
VVL
0.75 x
VVL
V
THM Threshold, Disabled
THM function is disabled below this voltage
0.0254
x VVL
0.03 x
VVL
0.036 x
VVL
V
THM Threshold DC, USB Enable
MAX8903B/MAX8903E/MAX8903G
0.83 x
VVL
0.87 x
VVL
0.91 x
VVL
V
THM = GND or VL;
TA = +25°C
-0.100
±0.001
+0.200
MAX8903A/C/D/H/J/N/Y
THM = GND or VL;
TA = +85°C
±0.010
THM Input Leakage
MAX8903B/E/G
THM = GND or VL;
TA = -40°C to +85°C
-0.200
±0.001
+0.200
µA
THERMAL SHUTDOWN, VL, AND LOGIC I/O:
CHG, FLT, DOK, UOK, DCM, CEN, USUS, IUSB
High level
1.3
Low level
0.4
V
Logic-Input Thresholds
(DCM,
CEN, USUS, IUSB)
Hysteresis
50
mV
TA = +25°C
-1.000
±0.001
+1.000
VINPUT = 0V to 5.5V
(MAX8903A/C/D/H/J/N/Y)
TA = +85°C
±0.010
Logic-Input Leakage Current
(
CEN, USUS, IUSB)
VINPUT = 0V to 5.5V
(MAX8903B/E/G)
TA = -40°C to +85°C
-0.200
±0.001
+0.200
µA
TA = +25°C
0.001
1
Logic-Input Leakage Current
(DCM)
VDCM = 0V to 16V
VDC = 16V
TA = +85°C
0.01
µA
Sinking 1mA
8
50
Logic Output Voltage, Low
(
CHG, FLT, DOK, UOK)
Sinking 10mA
80
mV
TA = +25°C
0.001
1
Open-Drain Output Leakage
Current, High (
CHG, FLT, DOK, UOK)
VOUT = 5.5V
TA = +85°C
0.01
µA
ELECTRICAL CHARACTERISTICS (continued)
(VDC = VUSB = 5V, VBAT = 4V, circuit of Figure 2, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com