Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 34 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 34 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 30Page - Renesas Technology Corp M37534RSS Datasheet HTML 31Page - Renesas Technology Corp M37534RSS Datasheet HTML 32Page - Renesas Technology Corp M37534RSS Datasheet HTML 33Page - Renesas Technology Corp M37534RSS Datasheet HTML 34Page - Renesas Technology Corp M37534RSS Datasheet HTML 35Page - Renesas Technology Corp M37534RSS Datasheet HTML 36Page - Renesas Technology Corp M37534RSS Datasheet HTML 37Page - Renesas Technology Corp M37534RSS Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 34 of 54
REJ03B0099-0200Z
Reset Circuit
The microcomputer is put into a reset status by holding the RESET
pin at the “L” level for 15 µs or more when the power source voltage
is 4.1 to 5.5 V and XIN is in stable oscillation.
After that, this reset status is released by returning the RESET pin to
the “H” level. The program starts from the address having the con-
tents of address FFFD16 as high-order address and the contents of
address FFFC16 as low-order address.
Note that the reset input voltage should be 0.82 V or less when the
power source voltage passes 4.1 V.
Fig. 40 Example of reset circuit
Fig. 41 Timing diagram at reset
(Note)
0.2 VCC
0 V
0 V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage
detection circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage Vcc = 4.1 V
Data
Address
8-13 clock cycles
Reset address from the
vector table
1 : An on-chip oscillator applies about 250 kHz frequency as clock f at average of Vcc = 5 V.
2 : The mark “?” means that the address is changeable depending on the previous state.
3 : These are all internal signals except RESET
Notes
φ
RESET
RESETOUT
SYNC
??
FFFCFFFD
ADH,ADL
??
?
??
ADL
ADH
??
?
Clock from on-chip
oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com