Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 25 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 25 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 21Page - Renesas Technology Corp M37534RSS Datasheet HTML 22Page - Renesas Technology Corp M37534RSS Datasheet HTML 23Page - Renesas Technology Corp M37534RSS Datasheet HTML 24Page - Renesas Technology Corp M37534RSS Datasheet HTML 25Page - Renesas Technology Corp M37534RSS Datasheet HTML 26Page - Renesas Technology Corp M37534RSS Datasheet HTML 27Page - Renesas Technology Corp M37534RSS Datasheet HTML 28Page - Renesas Technology Corp M37534RSS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 25 of 54
REJ03B0099-0200Z
Fig. 28 Structure of serial I/O1-related registers (2)
Not used (return “1” when read)
Endpoint 1 enable
0: Endpoint 1 invalid
1: Endpoint 1 valid
USB reset interrupt enable
0: USB reset invalid
1: USB reset valid
Resume interrupt enable
0: Resume invalid
1: Resume valid
Token interrupt enable
0: Token invalid
1: Token valid
USB enable flag
0: USB invalid
1: USB valid
b7
b0
CPU read: Enabled
CPU write: Clear
Hardware read: Not used
Hardware write: Set
USB data toggle synchronization register
(TRSYNC: address 001D16)
Not used (return “1” when read)
Sequence bit toggle flag
0: No toggle
1: Sequence toggle
b7
b0
CPU read: Enabled
CPU write: Disabled
Hardware read: Not used
Hardware write: Set/Clear
USB interrupt source discrimination register 1
(USBIR1: address 001E16)
Not used (return “1” when read)
Endpoint determination flag
0: Endpoint 0 interrupt
1: Endpoint 1 interrupt
b7
b0
b7
b0
CPU read: Enabled
CPU write: Clear
Hardware read: Not used
Hardware write: Set
USB interrupt source discrimination register 2
(USBIR2: address 001F16)
Not used (return “1” when read)
Suspend request flag
0: No request
1: Suspend request
USB reset request flag
0: No request
1: Reset request
Not used (return “1” when read)
Token PID determination flag
0: SETUP interrupt
1: OUT interrupt
Token interrupt flag
0: No request
1: Token request
CPU read: Enabled
CPU write: Disabled
Hardware read: Not used
Hardware write: Set/Clear
CPU read: Enabled
CPU write: Disabled
Hardware read: Not used
Hardware write: Set/Clear
USB interrupt control register
(USBICON: address 002016)
CPU read: Enabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com