Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 31 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 31 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 27Page - Renesas Technology Corp M37534RSS Datasheet HTML 28Page - Renesas Technology Corp M37534RSS Datasheet HTML 29Page - Renesas Technology Corp M37534RSS Datasheet HTML 30Page - Renesas Technology Corp M37534RSS Datasheet HTML 31Page - Renesas Technology Corp M37534RSS Datasheet HTML 32Page - Renesas Technology Corp M37534RSS Datasheet HTML 33Page - Renesas Technology Corp M37534RSS Datasheet HTML 34Page - Renesas Technology Corp M37534RSS Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 31 of 54
REJ03B0099-0200Z
Serial I/O2 operation
By writing to the serial I/O2 register(address 003116) the serial I/O2
counter is set to “7”.
After writing, the SDATA pin outputs data every time the transfer clock
shifts from a high to a low level. And, as the transfer clock shifts from
a low to a high, the SDATA pin reads data, and at the same time the
contents of the serial I/O2 register are shifted by 1 bit.
When the internal clock is selected as the transfer clock source, the
following operations execute as the transfer clock counts up to 8.
• Serial I/O2 counter is cleared to “0”.
• Transfer clock stops at an “H” level.
• Interrupt request bit is set.
• Shift completion flag is set.
Also, the SDATA pin is in a high impedance state after the data trans-
fer is complete. Refer to Figure 34.
When the external clock is selected as the transfer clock source, the
interrupt request bit is set as the transfer clock counts up to 8, but
external control of the clock is required since it does not stop. Notice
that the SDATA pin is not in a high impedance state on the completion
of data transfer.
Fig. 34 Serial I/O2 timing (LSB first)
D0
Note : When the internal clock is selected as the transfer and the direction register of P1 3/SDATA pin is set to the input mode,
Synchronous clock
Serial I/O2 register
write signal
Transfer clock
(Note)
SDATA at serial I/O2
input receive
SDATA at serial I/O2
output transmit
Serial I/O2 interrupt request bit set
D1
D2
D3
D4
D5
D6
D7
the SDATA pin is in a high impedance state after the data transfer is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com