Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 9 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 9 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 5Page - Renesas Technology Corp M37534RSS Datasheet HTML 6Page - Renesas Technology Corp M37534RSS Datasheet HTML 7Page - Renesas Technology Corp M37534RSS Datasheet HTML 8Page - Renesas Technology Corp M37534RSS Datasheet HTML 9Page - Renesas Technology Corp M37534RSS Datasheet HTML 10Page - Renesas Technology Corp M37534RSS Datasheet HTML 11Page - Renesas Technology Corp M37534RSS Datasheet HTML 12Page - Renesas Technology Corp M37534RSS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 9 of 54
REJ03B0099-0200Z
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 7534 Group uses the standard 740 family instruction set. Refer
to the table of 740 family addressing modes and machine-language
instructions or the 740 Family Software Manual for details on each
instruction set.
Machine-resident 740 family instructions are as follows:
1. The FST and SLW instructions cannot be used.
2. The MUL and DIV instructions cannot be used.
3. The WIT instruction can be used.
4. The STP instruction can be used.
[CPU Mode Register] CPUM
The CPU mode register contains the stack page selection bit.
This register is allocated at address 003B16.
Note on stack page
When 1 page is used as stack area by the stack page selection bit,
the area which can be used as stack depends on RAM size. Espe-
cially, be careful that the RAM area varies in Mask ROM version,
One Time PROM version and Emulator MCU.
Fig. 9 Switching method of CPU mode register
Switching method of CPU mode register
Switch the CPU mode register (CPUM) at the head of program after
releasing Reset in the following method.
Fig. 8 Structure of CPU mode register
CPU mode register
(CPUM: address 003B16)
Stack page selection bit
0 : 0 page
1 : 1 page
Main clock division ratio selection bits
b7 b6
0
0 : f(
φ) = f(XIN)/2 (High-speed mode)
0
1 : f(
φ) = f(XIN)/8 (Middle-speed mode)
1
0 : applied from on-chip oscillator
1
1 : f(
φ) = f(XIN) (Double-speed mode)
Not used (returns “0” when read)
(Do not write “1” to these bits )
Processor mode bits
b1 b0
0
0 Single-chip mode
0
1
1
0
1
1
Not available
b7
b0
Switch the clock division ratio
selection bits (bits 6 and 7 of CPUM)
After releasing reset
Main routine
Start with an on-chip oscillator (Note)
Switch to other mode except an on-chip oscillator
(Select one of 1/1, 1/2, and 1/8)
Note. After releasing reset the operation starts by starting an on-chip oscillator automatically.
Do not use an on-chip oscillator at ordinary operation.
Wait until establish ceramic oscillator
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com