Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 36 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 36 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 32Page - Renesas Technology Corp M37534RSS Datasheet HTML 33Page - Renesas Technology Corp M37534RSS Datasheet HTML 34Page - Renesas Technology Corp M37534RSS Datasheet HTML 35Page - Renesas Technology Corp M37534RSS Datasheet HTML 36Page - Renesas Technology Corp M37534RSS Datasheet HTML 37Page - Renesas Technology Corp M37534RSS Datasheet HTML 38Page - Renesas Technology Corp M37534RSS Datasheet HTML 39Page - Renesas Technology Corp M37534RSS Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 36 of 54
REJ03B0099-0200Z
Fig. 43 External circuit of ceramic resonator
Fig. 44 External clock input circuit
Fig. 45 Structure of MISRG
Clock Generating Circuit
An oscillation circuit can be formed by connecting a resonator be-
tween XIN and XOUT.
Use the circuit constants in accordance with the resonator
manufacturer's recommended values. No external resistor is needed
between XIN and XOUT since a feed-back resistor exists on-chip.
qOscillation control
• Stop mode
When the STP instruction is executed, the internal clock
φ stops at
an “H” level and the XIN oscillator stops. At this time, timer 1 is set to
“0116” and prescaler 12 is set to “FF16” when the oscillation
stabilization time set bit after release of the STP instruction is “0”.
On the other hand, timer 1 and prescaler 12 are not set when the
above bit is “1”. Accordingly, set the wait time fit for the oscillation
stabilization time of the oscillator to be used.
f(XIN)/16 is forcibly connected to the input of prescaler 12.
When an external interrupt is accepted, oscillation is restarted but
the internal clock
φ remains at “H” until timer 1 underflows. As soon
as timer 1 underflows, the internal clock
φ is supplied. This is
because when a ceramic oscillator is used, some time is required
until a start of oscillation.
In case oscillation is restarted by reset, no wait time is generated.
______
So apply an “L” level to the RESET pin while oscillation becomes
stable.
• Wait mode
If the WIT instruction is executed, the internal clock
φ stops at an
“H” level, but the oscillator does not stop. The internal clock restarts
if a reset occurs or when an interrupt is received.
Since the oscillator does not stop, normal operation can be started
immediately after the clock is restarted.
To ensure that interrupts will be received to release the STP or WIT
state, interrupt enable bits must be set to “1” before the STP or
WIT instruction is executed.
When the STP status is released, prescaler 12 and timer 1 will start
counting clock which is XIN divided by 16, so set the timer 1 inter-
rupt enable bit to “0” before the STP instruction is executed.
Note
For use with the oscillation stabilization set bit after release of the
STP instruction set to “1”, set values in timer 1 and prescaler
12 after fully appreciating the oscillation stabilization time of the
oscillator to be used.
• Clock mode
Operation is started by an on-chip oscillator after releasing reset.
A division ratio (1/1,1/2,1/8) is selected by setting bits 7 and 6 of the
CPU mode register after releasing it.
XIN
COUT
CIN
XOUT
XIN
XOUT
External oscillation
circuit
VCC
VSS
Open
MISRG(Address 003816)
b7
b0
Oscillation stabilization time set bit after
release of the STP instruction
0: Set “0116” in timer1, and “FF16”
in prescaler 12 automatically
1: Not set automatically
Reserved bits (return “0” when read)
(Do not write “1” to these bits)
Not used (return “0” when read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com