Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 44 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 44 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 40Page - Renesas Technology Corp M37534RSS Datasheet HTML 41Page - Renesas Technology Corp M37534RSS Datasheet HTML 42Page - Renesas Technology Corp M37534RSS Datasheet HTML 43Page - Renesas Technology Corp M37534RSS Datasheet HTML 44Page - Renesas Technology Corp M37534RSS Datasheet HTML 45Page - Renesas Technology Corp M37534RSS Datasheet HTML 46Page - Renesas Technology Corp M37534RSS Datasheet HTML 47Page - Renesas Technology Corp M37534RSS Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 44 of 54
REJ03B0099-0200Z
Timing Requirements
Table 12 Timing requirements (VCC = 4.1 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR)
tWH(CNTR)
tWL(CNTR)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(SDATA–SCLK)
th(SCLK–SDATA)
Reset input “L” pulse width
External clock input cycle time
External clock input “H” pulse width
External clock input “L” pulse width
CNTR0 input cycle time
CNTR0, INT0, INT1 input “H” pulse width
CNTR0, INT0, INT1 input “L” pulse width
Serial I/O2 clock input cycle time
Serial I/O2 clock input “H” pulse width
Serial I/O2 clock input “L” pulse width
Serial I/O2 input set up time
Serial I/O2 input hold time
15
166
70
70
200
80
80
1000
400
400
200
200
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Switching Characteristics
Table 13 Switching characteristics (VCC = 4.1 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
tWH(SCLK)
tWL(SCLK)
td(SCLK–SDATA)
tv(SCLK–SDATA)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
tr(D+), tr(D-)
tf(D+), tf(D-)
Serial I/O2 clock output “H” pulse width
Serial I/O2 clock output “L” pulse width
Serial I/O2 output delay time
Serial I/O2 output valid time
Serial I/O2 clock output rising time
Serial I/O2 clock output falling time
CMOS output rising time (Note)
CMOS output falling time (Note)
USB output rising time, CL = 200 to 450 pF, Ta = 0 to 70 °C, VCC =
4.4 to 5.25 V
USB output falling time, CL = 200 to 450 pF, Ta = 0 to 70 °C, VCC =
4.4 to 5.25 V
10
10
150
150
75
75
Notes: XOUT pin is excluded.
Fig. 49 Output switching characteristics measurement circuit
100 pF
Measured
output pin
CMOS output
tC(SCLK)/2–30
tC(SCLK)/2–30
0
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
140
30
30
30
30
300
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com