Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 27 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 27 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 23Page - Renesas Technology Corp M37534RSS Datasheet HTML 24Page - Renesas Technology Corp M37534RSS Datasheet HTML 25Page - Renesas Technology Corp M37534RSS Datasheet HTML 26Page - Renesas Technology Corp M37534RSS Datasheet HTML 27Page - Renesas Technology Corp M37534RSS Datasheet HTML 28Page - Renesas Technology Corp M37534RSS Datasheet HTML 29Page - Renesas Technology Corp M37534RSS Datasheet HTML 30Page - Renesas Technology Corp M37534RSS Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 27 of 54
REJ03B0099-0200Z
Fig. 30 Structure of serial I/O1-related registers (4)
USB sequence bit initialization register
(INISQ1: address 002616)
A sequence bit of endpoint 1 is initialized.
CPU read: Disabled
CPU write: Dummy
Hardware read: Not used
Hardware write: Not used
b7
b0
b7
b0
b7
b0
b7
b0
USB control register
(USBCON: address 002716)
Not used (return “1” when read)
USBVREFOUT output valid flag
0: Output off
1: Output on
Remote wake up request flag
0: No request
1: Remote wake up request
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
CPU read: Disabled
CPU write: Set
Hardware read: Used
Hardware write: Clear
UART status register
(UARTSTS: address 001916)
Transmit buffer empty flag
0: Buffer full
1: Buffer empty
Receive buffer full flag
0: Buffer empty
1: Buffer full
Transmit shift register shift completion flag
0: Transmit shift in progress
1: Transmit shift completed
Overrun error flag
0: No error
1: Overrun error
Parity error flag
0: No error
1: Parity error
Framing error flag
0: No error
1: Framing error
Summing error flag
0: No error
1: Summing error
Not used (returns “1” when read)
CPU read: Enabled
CPU write: Disabled
Hardware read: Not used
Hardware write: Set/Clear
Baud rate generator
(BRG: address 001C16)
This register is valid only when selecting the UART mode.
A baud rate value is set.
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
CPU read: Enabled
CPU write: Clear
Hardware read: Not used
Hardware write: Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com