Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 8 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 8 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 4Page - Renesas Technology Corp M37534RSS Datasheet HTML 5Page - Renesas Technology Corp M37534RSS Datasheet HTML 6Page - Renesas Technology Corp M37534RSS Datasheet HTML 7Page - Renesas Technology Corp M37534RSS Datasheet HTML 8Page - Renesas Technology Corp M37534RSS Datasheet HTML 9Page - Renesas Technology Corp M37534RSS Datasheet HTML 10Page - Renesas Technology Corp M37534RSS Datasheet HTML 11Page - Renesas Technology Corp M37534RSS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 8 of 54
REJ03B0099-0200Z
GROUP EXPANSION
Mitsubishi expands the 7534 group as follow:
Memory type
Support for Mask ROM version, One Time PROM version, and Emu-
lator MCU .
Memory size
ROM/PROM size.................................................. 8 K to 16 K bytes
RAM size................................................................ 256 to 384 bytes
Fig. 7 Memory expansion
Currently supported products are listed below.
Table 2 List of supported products
Part number
M37534M4-XXXFP
M37534M4-XXXGP
M37534M4-XXXSP
M37534E4GP
M37534E8FP
M37534E8SP
M37534RSS
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version (blank)
One Time PROM version (blank)
One Time PROM version (blank)
Emulator MCU
Package
36P2R-A
32P6U-A
42P4B
32P6U-A
36P2R-A
42P4B
42S1M
(P) ROM size (bytes)
ROM size for User ()
8192 (8062)
8192 (8062)
8192 (8062)
8192 (8062)
16384 (16254)
16384 (16254)
RAM size
(bytes)
256
256
256
256
384
384
384
ROM size
(Byte)
RAM size
(Byte)
128
16K
256384
8K
0
M37534E8
M37534M4
M37534E4
Package
36P2R-A ..................................... 0.8 mm-pitch plastic molded SOP
32P6U-A ................................... 0.8 mm-pitch plastic molded LQFP
42P4B ................................................... 42 pin plastic molded SDIP
42SIM ...................................... 42 pin shrink ceramic PIGGY BACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55