Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 33 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 33 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 29Page - Renesas Technology Corp M37534RSS Datasheet HTML 30Page - Renesas Technology Corp M37534RSS Datasheet HTML 31Page - Renesas Technology Corp M37534RSS Datasheet HTML 32Page - Renesas Technology Corp M37534RSS Datasheet HTML 33Page - Renesas Technology Corp M37534RSS Datasheet HTML 34Page - Renesas Technology Corp M37534RSS Datasheet HTML 35Page - Renesas Technology Corp M37534RSS Datasheet HTML 36Page - Renesas Technology Corp M37534RSS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 33 of 54
REJ03B0099-0200Z
Watchdog Timer
The watchdog timer gives a means for returning to a reset status
when the program fails to run on its normal loop due to a runaway.
The watchdog timer consists of an 8-bit watchdog timer H and an 8-
bit watchdog timer L, being a 16-bit counter.
Standard operation of watchdog timer
The watchdog timer stops when the watchdog timer control register
(address 003916) is not set after reset. Writing an optional value to
the watchdog timer control register (address 003916) causes the
watchdog timer to start to count down. When the watchdog timer H
underflows, an internal reset occurs. Accordingly, it is programmed
that the watchdog timer control register (address 003916) can be set
before an underflow occurs.
When the watchdog timer control register (address 003916) is read,
the values of the high-order 6-bit of the watchdog timer H, STP in-
struction disable bit and watchdog timer H count source selection bit
are read.
Initial value of watchdog timer
By a reset or writing to the watchdog timer control register (address
003916), the watchdog timer H is set to “FF16” and the watchdog
timer L is set to “FF16”.
Operation of watchdog timer H count source selection bit
A watchdog timer H count source can be selected by bit 7 of the
watchdog timer control register (address 003916). When this bit is
“0”, the count source becomes a watchdog timer L underflow signal.
The detection time is 174.763 ms at f(XIN)=6 MHz.
When this bit is “1”, the count source becomes f(XIN)/16. In this
case, the detection time is 683 µs at f(XIN)=6 MHz.
This bit is cleared to “0” after reset.
Operation of STP instruction disable bit
When the watchdog timer is in operation, the STP instruction can be
disabled by bit 6 of the watchdog timer control register (address
003916).
When this bit is “0”, the STP instruction is enabled.
When this bit is “1”, the STP instruction is disabled, and an internal
reset occurs if the STP instruction is executed.
Once this bit is set to “1”, it cannot be changed to “0” by program.
This bit is cleared to “0” after reset.
Fig. 38 Block diagram of watchdog timer
Fig. 39 Structure of watchdog timer control register
XIN
Data bus
“0”
“1”
1/16
Watchdog timer H count
source selection bit
Reset
circuit
STP Instruction Disable Bit
Watchdog timer H (8)
Write “FF16” to the
watchdog timer
control register
Internal reset
RESET
Watchdog timer L (8)
STP Instruction
Write “FF16” to the
watchdog timer
control register
Watchdog timer control register(address 0039 16)
WDTCON
Watchdog timer H (read-only for high-order 6-bit)
STP instruction disable bit
0 : STP instruction enabled
1 : STP instruction disabled
Watchdog timer H count source selection bit
0 : Watchdog timer L underflow
1 : f(XIN)/16
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com