Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 23 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 23 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 19Page - Renesas Technology Corp M37534RSS Datasheet HTML 20Page - Renesas Technology Corp M37534RSS Datasheet HTML 21Page - Renesas Technology Corp M37534RSS Datasheet HTML 22Page - Renesas Technology Corp M37534RSS Datasheet HTML 23Page - Renesas Technology Corp M37534RSS Datasheet HTML 24Page - Renesas Technology Corp M37534RSS Datasheet HTML 25Page - Renesas Technology Corp M37534RSS Datasheet HTML 26Page - Renesas Technology Corp M37534RSS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 23 of 54
REJ03B0099-0200Z
• Universal serial bus (USB) mode
By setting bits 7 and 6 of the serial I/O1 control register (address
001A16) to “11”, the USB mode is selected.
This mode conforms to “Low Speed device” of USB Specification
1.1. In this mode serial I/O1 interrupt have 6 sources; USB in and
out token receive, setup token receive, USB reset, suspend, and
Fig. 26 USB transceiver block diagram
resume. The USB status/UART status register functions as the USB
status register (USBSTS).There is the USBVREFOUT pin for the USB
reference voltage output, and a D-line with 1.5 k
Ω external resistor
can be pull up. USB mode block and USB transceiver block shown
in figures 25 and 26.
Fig. 25 USB mode block diagram
XIN
Address 001816
Receive shift register
RxRDY
Receive buffer register
SYNC decoder
PID decoder
RxPID
OPID
PIDE
Address
comparative unit
USBA
End pointer
decoder
RxEP
CRC check
CRCE
Reset interrupt request
Suspend interrupt request
Resume interrupt request
Token interrupt request
EOP
NRZI,
bit stuffing decoder
BSTFE
Bus state
detection
Digital
PLL
6 MHz
USB
transceiver
NRZI,
bit stuffing encoder
Data bus
Data bus
Address 001816
Transmit shift register
TxRDY
Transmit buffer register
EP0BYTE
EP1BYTE
SYNC, PID
generating unit
EP0PID
EP1PID
CRC encoder
EOP generating unit
USB transmit unit
P10/D-
P11/D+
Differential input and
Single end input
Output data and
I/O control
1.5 MHz
Serial I/O1 control register
MOD0
MOD1
USB reference
power source voltage
USB control register
UVOE
(initial value “0”)
Output enable signal
Voltage input
Output amplifier
USBVREFOUT
D+/D-
output amplifier
Internal D- output signal
Internal D+ output signal
D-
D+
Suspend
OE
(internal signal)
Signal for function stop
Output enable signal
-
+
Differential input
Single end input
Single end input
Voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com