Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 20 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 20 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 16Page - Renesas Technology Corp M37534RSS Datasheet HTML 17Page - Renesas Technology Corp M37534RSS Datasheet HTML 18Page - Renesas Technology Corp M37534RSS Datasheet HTML 19Page - Renesas Technology Corp M37534RSS Datasheet HTML 20Page - Renesas Technology Corp M37534RSS Datasheet HTML 21Page - Renesas Technology Corp M37534RSS Datasheet HTML 22Page - Renesas Technology Corp M37534RSS Datasheet HTML 23Page - Renesas Technology Corp M37534RSS Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 20 of 54
REJ03B0099-0200Z
Fig. 21 Block diagram of timer X, timer 1 and timer 2
Timer mode
pulse output mode
Q
R
To timer X
interrupt
request bit
f(XIN)/16
Timer X latch (8)
Timer X (8)
Prescaler X latch (8)
Prescaler X (8)
Pulse width
measurement
mode
f(XIN)/2
Timer X count
source selection bit
Event
counter
mode
Timer X count stop bit
Port P14 direction
register
Q
“0”
“1”
CNTR0 active
edge switch bit
Port P14 latch
Pulse output mode
“1”
“0”
CNTR0 active
edge switch bit
P14/CNTR0
Toggle
flip-flop
Timer X latch write
Pulse output mode
T
To CNTR0
interrupt
request bit
Data bus
To timer 1
interrupt
request bit
To timer 2
interrupt
request bit
Data bus
Prescaler 12 (8)
f(XIN)/16
Timer 1 (8)
Timer 2 (8)
Timer 2 latch (8)
Timer 1 latch (8)
Prescaler 12 latch (8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com