Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 41 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 41 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 37Page - Renesas Technology Corp M37534RSS Datasheet HTML 38Page - Renesas Technology Corp M37534RSS Datasheet HTML 39Page - Renesas Technology Corp M37534RSS Datasheet HTML 40Page - Renesas Technology Corp M37534RSS Datasheet HTML 41Page - Renesas Technology Corp M37534RSS Datasheet HTML 42Page - Renesas Technology Corp M37534RSS Datasheet HTML 43Page - Renesas Technology Corp M37534RSS Datasheet HTML 44Page - Renesas Technology Corp M37534RSS Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 41 of 54
REJ03B0099-0200Z
Recommended Operating Conditions
Table 8 Recommended operating conditions
(VCC = 4.1 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Unit
Power source voltage
Limits
f(XIN) = 6 MHz
VCC
VSS
VREF
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
∑I OH(peak)
∑I OL(peak)
∑I OL(peak)
∑I OH(avg)
∑I OL(avg)
∑I OL(avg)
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOL(avg)
IOL(avg)
f(XIN)
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
Note 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average
value measured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current IOL (avg), IOH (avg) in an average value measured over 100 ms.
4: When the oscillation frequency has a duty cycle of 50 %.
5.5
VCC
VCC
VCC
VCC
3.6
0.3 VCC
0.8
0.2 VCC
0.8
0.16VCC
–80
80
60
–40
40
30
–10
10
30
–5
5
15
6
Max.
Power source voltage
Analog reference voltage
“H” input voltageP00–P07, P10–P16, P20–P27,
P30–P37, P40, P41
“H” input voltage (TTL input level selected)
P10, P12, P13, P36, P37
“H” input voltageRESET, XIN
“H” input voltageD+, D-
“L” input voltageP00–P07, P10–P16, P20–P27,
P30–P37, P40, P41
“L” input voltage (TTL input level selected)
P10, P12, P13, P36, P37
“L” input voltageRESET, CNVSS
“L” input voltageD+, D-
“L” input voltageXIN
“H” total peak output current (Note 1)
P00–P07, P10–P16, P20–P27,
P30–P37, P40, P41
“L” total peak output current (Note 1)
P00–P07, P10–P16, P20–P27,
P37, P40, P41
“L” total peak output current (Note 1)
P30–P36
“H” total average output current (Note 1)
P00–P07, P10–P16, P20–P27,
P30–P37, P40, P41
“L” total average output current (Note 1)
P00–P07, P10–P16, P20–P27,
P37, P40, P41
“L” total average output current (Note 1)
P30–P36
“H” peak output current (Note 2)
P00–P07, P10–P16, P20–P27,
P30–P37, P40, P41
“L” peak output current (Note 2)
P00–P07, P10–P16, P20–P27,
P37 , P40, P41
“L” peak output current (Note 2)
P30–P36
“H” average output current (Note 3)
P00–P07, P10–P16, P20–P27,
P30–P37, P40, P41
“L” average output current (Note 3)
P00–P07, P10–P16, P20–P27,
P37, P40, P41
“L” average output current (Note 3)
P30–P36
Oscillation frequency (Note 4)
VCC = 4.1 to 5.5 V
at ceramic oscillation or external clock input
Double-speed mode
Typ.
5.0
0
4.1
2.0
0.8 VCC
2.0
0.8 VCC
2.0
0
0
0
0
0
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com