Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 40 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 40 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 36Page - Renesas Technology Corp M37534RSS Datasheet HTML 37Page - Renesas Technology Corp M37534RSS Datasheet HTML 38Page - Renesas Technology Corp M37534RSS Datasheet HTML 39Page - Renesas Technology Corp M37534RSS Datasheet HTML 40Page - Renesas Technology Corp M37534RSS Datasheet HTML 41Page - Renesas Technology Corp M37534RSS Datasheet HTML 42Page - Renesas Technology Corp M37534RSS Datasheet HTML 43Page - Renesas Technology Corp M37534RSS Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 40 of 54
REJ03B0099-0200Z
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Table 7 Absolute maximum ratings
–0.3 to 7.0
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to 13
–0.3 to VCC + 0.3
1000 (Note 3)
–20 to 85
–40 to 125
Power source voltage
Input voltageP00–P07, P10–P16, P20–P27, P30–
P37, VREF, P40, P41
Input voltageRESET, XIN
Input voltageCNVSS (Note 1)
Output voltageP00–P07, P10–P16, P20–P27, P30–
P37, XOUT, USBVREFOUT, P40, P41
Power dissipation
(Note 2)
Operating temperature
Storage temperature
V
V
V
V
V
mW
°C
°C
VCC
VI
VI
VI
VO
Pd
Topr
Tstg
Conditions
Symbol
Ratings
Unit
Parameter
All voltages are
based on VSS.
Output transistors
are cut off.
Ta = 25°C
Notes 1: It is a rating only for the One Time PROM version. Connect to VSS for mask ROM version.
2: The rating value depends on packages.
3: This is the value for 42-pin version.
The value of the 36-pin version is 300 mW.
The value of the 32-pin version is 200 mW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com