Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 43 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 43 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 39Page - Renesas Technology Corp M37534RSS Datasheet HTML 40Page - Renesas Technology Corp M37534RSS Datasheet HTML 41Page - Renesas Technology Corp M37534RSS Datasheet HTML 42Page - Renesas Technology Corp M37534RSS Datasheet HTML 43Page - Renesas Technology Corp M37534RSS Datasheet HTML 44Page - Renesas Technology Corp M37534RSS Datasheet HTML 45Page - Renesas Technology Corp M37534RSS Datasheet HTML 46Page - Renesas Technology Corp M37534RSS Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 43 of 54
REJ03B0099-0200Z
Resolution
Linearity error
Differential nonlinear error
Zero transition voltage
Full scale transition voltage
Conversion time
Ladder resistor
Reference power source input current
A/D port input current
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
VCC = 4.1 to 5.5 V
Ta = 25 °C
VCC = 4.1 to 5.5 V
Ta = 25 °C
05
20
LSB
LSB
Bits
±0.9
±3
10
A/D Converter Characteristics
Table 11 A/D Converter characteristics (1) (VCC = 4.1 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
mV
5105
50
30
5115
5125
mV
—
—
—
VOT
VFST
tCONV
RLADDER
IVREF
II(AD)
VREF = 5.0 V
122
200
55
150
tc(XIN)
k
Ω
5.0
µA
µA
VREF = 3.0 V
120
70
VCC = VREF = 5.12 V
VCC = VREF = 5.12 V
Fig. 48 Power source current measurement circuit in USB mode
at oscillation stop
VCC
ICC
VCC
VSS
USBVREFOUT
D-
1.5 k
Ω
15 k
Ω
IOUT
IOUT is included to this ratings.
Table 10 Electrical characteristics (2)
(VCC = 4.1 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
ICC
Power source current
6
1.6
0.8
0.1
10
mA
mA
mA
Double-speed mode, f(XIN) = 6 MHz,
Output transistors “off”
f(XIN) = 6 MHz, (in WIT state)
Output transistors “off”
Increment when A/D conversion is executed
f(XIN) = 6 MHz, VCC = 5 V
All oscillation stopped (in STP state)
Output transistors “off”
VCC = 4.4 V to 5.25 V
Oscillation stopped in USB mode
USB (SUSPEND), (pull-up resistor
output included) (Fig. 48)
Ta = 25 °C
Ta = 85 °C
1.0
10
µA
µA
Ta = 0 to 70 °C
300
µA
Min.
Typ.
Max.
Symbol
Parameter
Limits
Test conditions
Unit
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com