Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 26 Page - Renesas Technology Corp

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37534RSS Arkusz danych(HTML) 26 Page - Renesas Technology Corp

Back Button M37534RSS Datasheet HTML 22Page - Renesas Technology Corp M37534RSS Datasheet HTML 23Page - Renesas Technology Corp M37534RSS Datasheet HTML 24Page - Renesas Technology Corp M37534RSS Datasheet HTML 25Page - Renesas Technology Corp M37534RSS Datasheet HTML 26Page - Renesas Technology Corp M37534RSS Datasheet HTML 27Page - Renesas Technology Corp M37534RSS Datasheet HTML 28Page - Renesas Technology Corp M37534RSS Datasheet HTML 29Page - Renesas Technology Corp M37534RSS Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 26 of 54
REJ03B0099-0200Z
Fig. 29 Structure of serial I/O1-related registers (3)
b7
b0
USB transmit data byte number set register 1
(EP1BYTE: address 002216)
Set a number of data byte for transmitting with endpoint 1.
CPU read: Enabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
Not used (return “0” when read)
b7
b0
USB transmit data byte number set register 0
(EP0BYTE: address 002116)
Set a number of data byte for transmitting with endpoint 0.
CPU read: Enabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
Not used (return “0” when read)
b7
b0
USB address register
(USBA: address 002516)
Set an address allocated by the USB host.
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
Not used (returns “1” when read)
USB PID control register 1
(EP1PID: address 002416)
Not used (return “1” when read)
Endpoint 1 PID selection flag
1x: IN token interrupt of DATA0/1 is valid
01: STALL handshake is valid for IN token
00: NACK handshake is valid for IN token
b7
b0
x: any data
b6
CPU read: Enabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
b7
CPU read: Enabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Clear
b7
b0
USB PID control register 0
(EP0PID: address 002316)
Not used (return “1” when read)
Endpoint 0 enable flag
0: Endpoint 0 invalid
1: Endpoint 0 valid
Endpoint 0 PID selection flag
1xxx: IN token interrupt of DATA0/1 is valid
01xx: STALL handshake is valid for IN token
00xx: NACK handshake is valid for IN token
xxx1: STALL handshake is valid for OUT token (Note)
xx10: ACK handshake is valid for OUT token
xx00: NACK handshake is valid for OUT token
CPU read: Enabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
b4, b5, b6
CPU read: Enabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
b7
CPU read: Enabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Clear
x: any data
Note: In the status stage of the control read transfer, when PID
of data packet = DATA0 (incorrect PID), this bit is set forcibly
by hardware and STALL handshake is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com