Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 44 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 44 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 40Page - STMicroelectronics STM32H562AI Datasheet HTML 41Page - STMicroelectronics STM32H562AI Datasheet HTML 42Page - STMicroelectronics STM32H562AI Datasheet HTML 43Page - STMicroelectronics STM32H562AI Datasheet HTML 44Page - STMicroelectronics STM32H562AI Datasheet HTML 45Page - STMicroelectronics STM32H562AI Datasheet HTML 46Page - STMicroelectronics STM32H562AI Datasheet HTML 47Page - STMicroelectronics STM32H562AI Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
44/270
DS14258 Rev 5
–
8/10/12/14-bit progressive video: monochrome or raw Bayer
–
YCbCr 4:2:2 progressive video
–
RGB 565 progressive video
–
Compressed data: JPEG
3.29
Parallel synchronous slave interface (PSSI)
The PSSI peripheral and the DCMI (digital camera interface) use the same circuitry. As a
result, these two peripherals cannot be used at the same time: when using the PSSI, the
DCMI registers cannot be accessed, and vice versa. In addition, the PSSI and the DCMI
share the same alternate functions and the same interrupt vector.
The PSSI is a generic synchronous 8-/16-bit parallel data input/output slave interface. It
enables the transmitter to send a data valid signal that indicates when the data is valid, and
the receiver to output a flow control signal that indicates when it is ready to sample the data.
The PSSI peripheral main features are the following:
•
Slave mode operation
•
8-bit or 16-bit parallel data input or output
•
4-word (16-byte) FIFO
•
Data enable (PSSI_DE) alternate function input and ready (PSSI_RDY) alternate
function output
When selected, these inputs can either enable the transmitter to indicate when the data is
valid, or allow the receiver to indicate when it is ready to sample the data, or both.
3.30
True random number generator (RNG)
The RNG is a true random number generator that provides full entropy outputs to the
application as 32-bit samples. It is composed of a live entropy source (analog) and an
internal conditioning component.
The RNG is a NIST SP 800-90B compliant entropy source that can be used to construct a
non-deterministic random bit generator (NDRBG).
The true random generator:
•
delivers 32-bit true random numbers, produced by an analog entropy source
conditioned by a NIST SP800-90B approved conditioning stage
•
can be used as entropy source to construct a non-deterministic random bit generator
(NDRBG)
•
produces four 32-bit random samples every 412 AHB clock cycles if fAHB < 77 MHz
(256 RNG clock cycles otherwise)
•
embeds start-up and NIST SP800-90B approved continuous health tests (repetition
count and adaptive proportion tests), associated with specific error management
•
can be disabled to reduce power consumption, or enabled with an automatic low-power
mode (default configuration)
•
has an AMBA AHB slave peripheral, accessible through 32-bit word single accesses
only (else an AHB bus error is generated, and the write accesses are ignored)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com