Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 41 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 41 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 37Page - STMicroelectronics STM32H562AI Datasheet HTML 38Page - STMicroelectronics STM32H562AI Datasheet HTML 39Page - STMicroelectronics STM32H562AI Datasheet HTML 40Page - STMicroelectronics STM32H562AI Datasheet HTML 41Page - STMicroelectronics STM32H562AI Datasheet HTML 42Page - STMicroelectronics STM32H562AI Datasheet HTML 43Page - STMicroelectronics STM32H562AI Datasheet HTML 44Page - STMicroelectronics STM32H562AI Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 270 page
background image
DS14258 Rev 5
41/270
STM32H562xx and STM32H563xx
Functional overview
62
3.23
Delay block (DLYB)
The delay block (DLYB) is used to generate an output clock dephased from the input clock.
The phase of the output clock must be programmed by the user application. The output
clock is then used to clock the data received by another peripheral such as an SDMMC or
Octo-SPI interface. The delay is voltage and temperature dependent, that may require the
application to re-configure and recenter the output clock phase with the received data.
The delay block main features are:
•
Input clock frequency ranging from 25 to 250 MHz
•
Up to 12 oversampling phases
3.24
Analog-to-digital converters (ADC1 and ADC2)
The devices embed two successive approximation analog-to-digital converters.
Table 5. ADC features
Mode/feature
ADC1
ADC2
Resolution
12 bit
Maximum sampling speed
5 Msps (12-bit resolution)
Dual mode operation
X
Hardware offset calibration
X
Hardware linearity calibration
-
Single-end input
X
Differential input
X
Injected channel conversion
X
Oversampling
Up to x256
Data register
16 bits
Data register FIFO depth
3 stages
DMA support
X
Parallel data output to ADF
-
Offset compensation
X
Gain compensation
-
Number of analog watchdogs
3
Option register
-
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com