Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 19Page - STMicroelectronics STM32H562AI Datasheet HTML 20Page - STMicroelectronics STM32H562AI Datasheet HTML 21Page - STMicroelectronics STM32H562AI Datasheet HTML 22Page - STMicroelectronics STM32H562AI Datasheet HTML 23Page - STMicroelectronics STM32H562AI Datasheet HTML 24Page - STMicroelectronics STM32H562AI Datasheet HTML 25Page - STMicroelectronics STM32H562AI Datasheet HTML 26Page - STMicroelectronics STM32H562AI Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 270 page
background image
DS14258 Rev 5
23/270
STM32H562xx and STM32H563xx
Functional overview
62
Note:
The ECC is supported by SRAM2, SRAM3, and BKPSRAM when enabled with the
SRAM2_ECC, SRAM3_ECC, and BKPRAM_ECC user option bits.
3.5.1
SRAMs TrustZone security
When the TrustZone security is enabled, all SRAMs are secure after reset. The SRAM1,
SRAM2, SRAM3, can be programmed as secure or nonsecure by blocks, using the MPCBB
(block-based memory protection controller).
The granularity of SRAM secure block based is a page of 512 bytes. Backup SRAM regions
can be programmed as secure or nonsecure with watermark, using the TZSC (TrustZone
security controller) in the GTZC (global TrustZone controller).
3.5.2
SRAMs privilege protection
The SRAM1, SRAM2, SRAM3, can be programmed as privileged or non-privileged by
blocks, using the MPCBB. The granularity of SRAM privilege block based is a page of
512 bytes. Backup SRAM regions can be programmed as privileged or non-privileged with
watermark, using the TZSC (TrustZone security controller) in the GTZC (global TrustZone
controller).
3.6
Security overview
The STM32H562xx and STM32H563xx security enables the possibility to reopen the debug
mode even if the product is in secure state.
The reopening of the debug mode is controlled with a debug authentication procedure which
permits the authentication of the host.
Sensible assets (such as keys or secret codes) must be protected when opening the debug
mode. The protection is made via code protection and hardware keys storage solutions
where all root of trust can be protected thanks to hardware mechanisms.
In cases where sensitive information cannot be protected, a partial or a full regression can
be launched to start a debug. Regressions are enabled by a debug authentication method.
Developers can introduce their own root of trust solution (OEM-iROT), including their
installation in a non-trusted environment, thanks to a secure firmware install (SFI) solution.
The boot stages are isolated via a hardware mechanism called HDPL (temporal isolation
level). The HDPL guarantees isolation of the different boot stages: ST assets, iROT
(immutable root of trust), uROT (updatable root of trust), secure operating system and
nonsecure applications.
The devices embed a hardware key storage solution with a dedicated flash memory area
per boot stages with access-control based on HDPL, which can be secure or nonsecure.
STM32H562xx and STM32H563xx are powered by an Arm Cortex-M33 core, associated
with all the TrustZone isolation infrastructure. This design permits to benefit from a run time
isolation to run secure applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com