Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 26 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 26 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 22Page - STMicroelectronics STM32H562AI Datasheet HTML 23Page - STMicroelectronics STM32H562AI Datasheet HTML 24Page - STMicroelectronics STM32H562AI Datasheet HTML 25Page - STMicroelectronics STM32H562AI Datasheet HTML 26Page - STMicroelectronics STM32H562AI Datasheet HTML 27Page - STMicroelectronics STM32H562AI Datasheet HTML 28Page - STMicroelectronics STM32H562AI Datasheet HTML 29Page - STMicroelectronics STM32H562AI Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
26/270
DS14258 Rev 5
The GTZC main features are:
•
Three independent 32-bit AHB interfaces for TZSC, TZIC and MPCBB
•
MPCBB and TZIC accessible only with secure transactions
–
Enable illegal access events that may trigger a secure interrupt
•
Secure and nonsecure access supported for privileged/non-privileged part of TZSC
•
Set of registers to define product security settings:
–
Secure/privilege regions for external memories
–
Secure/privilege access mode for securable peripherals
–
Secure/privilege access mode for securable legacy masters
3.9
TrustZone security architecture
The security architecture is based on Arm TrustZone with the Armv8-M main extension.
The TrustZone security is activated by the TZEN option bit in the FLASH_OPTR register.
When the TrustZone is enabled, the SAU (security attribution unit) and IDAU
(implementation defined attribution unit) define the access permissions based on secure
and nonsecure state.
•
SAU: up to eight SAU configurable regions are available for security attribution.
•
IDAU: It provides a first memory partition as nonsecure or nonsecure callable
attributes. It is then combined with the results from the SAU security attribution and the
higher security state is selected.
Based on IDAU security attribution, the flash memory, system SRAMs and peripherals
memory space is aliased twice for secure and nonsecure states. However, the external
memories space is not aliased.
3.9.1
TrustZone peripheral classification
When the TrustZone security is active, a peripheral can be either securable or TrustZone-
aware type as follows:
•
securable: peripheral protected by an AHB/APB firewall gate controlled from TZSC to
define security properties
•
TrustZone-aware: peripheral connected directly to AHB or APB bus and implementing
a specific TrustZone behavior such as a subset of registers being secure
3.9.2
Default TrustZone security state
The default system security state is detailed below:
•
CPU:
–
Cortex-M33 is in secure state after reset. The boot address must be in secure
address.
•
Memory map:
–
SAU is fully secure after reset. Consequently, all memory map is fully secure. Up
to eight SAU configurable regions are available for security attribution.
•
Flash memory:
–
Flash memory security area is defined by watermark user options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com