Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 89 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 89 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 85Page - STMicroelectronics STM32H562AI Datasheet HTML 86Page - STMicroelectronics STM32H562AI Datasheet HTML 87Page - STMicroelectronics STM32H562AI Datasheet HTML 88Page - STMicroelectronics STM32H562AI Datasheet HTML 89Page - STMicroelectronics STM32H562AI Datasheet HTML 90Page - STMicroelectronics STM32H562AI Datasheet HTML 91Page - STMicroelectronics STM32H562AI Datasheet HTML 92Page - STMicroelectronics STM32H562AI Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 270 page
background image
-
57
79
K13
98
K12
-
57
79
J11
98
N15
-
PD10
I/O
FT_h
-
LPTIM2_CH2, USART3_CK,
FMC_D15/FMC_AD15,
EVENTOUT
-
-
58
80
H8
99
L14
-
58
80
H10
99
N14
38
PD11
I/O
FT_h
-
SAI1_CK1, LPTIM2_IN2,
I2C4_SMBA,
USART3_CTS/USART3_NSS,
UART4_RX, OCTOSPI1_IO0,
SAI2_SD_A,
FMC_A16/FMC_CLE, EVENTOUT
-
-
59
81
H11
100
K14
-
59
81
K12
100 N13
39
PD12
I/O
FT_fh
-
LPTIM1_IN1, TIM4_CH1,
LPTIM2_IN1, I2C4_SCL,
I3C1_SCL, SAI1_D1,
USART3_RTS/USART3_DE,
UART4_TX, OCTOSPI1_IO1,
SAI2_FS_A, FMC_A17/FMC_ALE,
DCMI_D12/PSSI_D12,
EVENTOUT
-
-
60
82
G8
101
L15
-
60
82
K13
101 M15
-
PD13
I/O
FT_fh
-
LPTIM1_CH1, TIM4_CH2,
LPTIM2_CH1, I2C4_SDA,
I3C1_SDA, OCTOSPI1_IO3,
SAI2_SCK_A,
UART9_RTS/UART9_DE,
FMC_A18, DCMI_D13/PSSI_D13,
LPTIM4_IN1, EVENTOUT
-
-
-
83
J12
102
-
-
-
83
H12 102 H12
-
VSS
S
-
-
-
-
-
-
84
J13
103
-
-
-
84
H13 103
J13
-
VDD
S
-
-
-
-
K2
61
85
H12 104
K13
-
61
85
H11
104 M14
-
PD14
I/O
FT_h
-
TIM4_CH3, UART8_CTS,
UART9_RX, FMC_D0/FMC_AD0,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com